Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42744GV33 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE42744GV33
Description  Low Dropout Linear Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42744GV33 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE42744GV33 Datasheet HTML 3Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 4Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 5Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 6Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 7Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 8Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 9Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 10Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet
7
Rev. 1.1, 2010-01-13
TLE42744
General Product Characteristics
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Pos.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Max.
4.2.1
Input voltage
V
I
5.5
40
V
TLE42744DV50,
TLE42744GV50,
TLE42744EV50
4.2.2
Input voltage
V
I
4.7
40
V
TLE42744GV33,
TLE42744DV33,
TLE42744GSV33
4.2.3
Output Capacitor’s
Requirements for Stability
C
Q
22
µF
1)
1) the minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
4.2.4
ESR(C
Q)
–3
2)
2) relevant ESR value at
f =10kHz
4.2.5
Junction temperature
T
j
-40
150
°C–
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
TLE42744DV50, TLE42744DV33 (PG-TO252-3)
4.3.1
Junction to Case1)
R
thJC
3.6
K/W
measured to heat
slug
4.3.2
Junction to Ambient1)
R
thJA
–27
K/W
2)
4.3.3
115
K/W
footprint only3)
4.3.4
52
K/W
300 mm² heatsink
area3)
4.3.5
40
K/W
600 mm² heatsink
area3)
TLE42744GV50, TLE42744GV33 (PG-TO263-3)
4.3.6
Junction to Case1)
R
thJC
3.6
K/W
measured to heat
slug
4.3.7
Junction to Ambient1)
R
thJA
–22
2)
4.3.8
74
K/W
footprint only3)
4.3.9
42
K/W
300 mm² heatsink
area3)
4.3.10
34
K/W
600 mm² heatsink
area3)


Similar Part No. - TLE42744GV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42744GV33 INFINEON-TLE42744GV33 Datasheet
1Mb / 21P
   Very Low Current Consumption
More results

Similar Description - TLE42744GV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com