Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUA6037F Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TUA6037F
Description  3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6037F Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TUA6037F Datasheet HTML 5Page - Infineon Technologies AG TUA6037F Datasheet HTML 6Page - Infineon Technologies AG TUA6037F Datasheet HTML 7Page - Infineon Technologies AG TUA6037F Datasheet HTML 8Page - Infineon Technologies AG TUA6037F Datasheet HTML 9Page - Infineon Technologies AG TUA6037F Datasheet HTML 10Page - Infineon Technologies AG TUA6037F Datasheet HTML 11Page - Infineon Technologies AG TUA6037F Datasheet HTML 12Page - Infineon Technologies AG TUA6037F Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Data Sheet
9
Revision 2.0, 2007-07-20
TUA 6039F-2, TUA 6037F
Product Info
1
Product Info
General Description
The TUA 6039F-2, TUA 6037F device combines a mixer-oscillator function and an IF
AGC amplifier with a digitally programmable phase locked loop (PLL) for use in analog
and digital terrestrial applications.
Ordering Information
Type
Ordering Code
Package
TUA 6039F-2
SP000315897
PG-VQFN-48
TUA 6037F
SP000315896
PG-VQFN-48
Features
General
Supply voltage 5 Volt
Narrowband RF AGC detector for
internal tuner with
- 5 programmable take over points
- 2 programmable time constants
- RF AGC buffer output
Low phase noise
Full ESD protection
Qualified according to JEDEC for
consumer applications
Mixer/Oscillator
Three band tuner
Unbalanced highohmic LOW input
Balanced lowohmic MID input
Balanced lowohmic HIGH input
Two pin oscillators for LOW/MID band
Four pin oscillator for HIGH band
SAW filter driver and IF-Amplifier
4 IF pins to connect a 2 pole bandpass
Symmetrical SAW filter driver
Fully balanced IF AGC amplifier
PLL
•I
2C bus
4 pin-programmable I
2C addresses
High voltage VCO tuning output
4 PNP ports, 1 NPN port/ADC input
1)
Internal LOW/MID/HIGH band switch
X_TAL 4 MHz, X_TAL buffer output
6 reference divider ratios
4 charge pump currents
Power management
Bus controlled power down mode
Application
The IC is suitable for PAL, NTSC,
SECAM,
DVB-C,
DVB-T,
T-DMB,
DMB-TH, DAB, ISDB-T, Open Cable
and ATSC tuners.
1) ADC function is only available in TUA 6039F-2.


Similar Part No. - TUA6037F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6037 INFINEON-TUA6037 Datasheet
1Mb / 64P
   3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.6, August 2007
More results

Similar Description - TUA6037F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6039-2 INFINEON-TUA6039-2 Datasheet
1Mb / 64P
   3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.6, August 2007
logo
DAICO Industries, Inc.
DHD08063 DAICO-DHD08063 Datasheet
30Kb / 1P
   IF / AGC HYBRID
logo
Infineon Technologies A...
TUA6041 INFINEON-TUA6041 Datasheet
909Kb / 66P
   Low Power 3-Band Digital TV / Portable Tuner IC with Digital Alignment
Revision 3.1, Dec 2006
TUA6030 INFINEON-TUA6030 Datasheet
881Kb / 49P
   3-Band TV Tuner IC
Specification July 2001
logo
National Semiconductor ...
CLC5902 NSC-CLC5902 Datasheet
783Kb / 28P
   Dual Digital Tuner/AGC
CLC5903 NSC-CLC5903 Datasheet
698Kb / 29P
   Dual Digital Tuner / AGC
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
   MOPLL with IF AGC Amplifier
logo
Texas Instruments
CLC5903 TI1-CLC5903 Datasheet
737Kb / 31P
[Old version datasheet]   Dual Digital Tuner/AGC
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6045 INFINEON-TUA6045 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com