Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N458 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N458
Description  SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N458 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N458 Datasheet HTML 1Page - Microsemi Corporation 1N458 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
SWITCHING DIODE
– METALLURGICALLY BONDED
– HERMETICALLY SEALED
– DOUBLE PLUG CONSTRUCTION
Qualified per MIL-PRF-19500/193
LDS-0023 Rev. 2 (100185)
Page 1 of 2
DEVICES
QUALIFIED LEVELS
1N457
JAN
MAXIMUM RATING AT 25°C
Operating Temperature:
Storage Temperature:
Max operating Current (IF):
Total Power Dissipation:
DC Reverse Voltage (VRWM):
-65°C to +150°C
-65°C to +175°C
225mA
500mW
60V
DC ELECTRICAL CHARACTERISTICS
VF
IR
Ambient
(°C)
IF
mA
Min
V
Max
V
Ambient
(°C)
IF
V (dc)
Min
µA
Max
µA
25
100
-
1.0
25
60
-
0.025
-55
100
1.2
25
70
-
1.0
150
60
-
5.0
DO-35


Similar Part No. - 1N458

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N458 ETC1-1N458 Datasheet
266Kb / 6P
   silicon diode
logo
National Semiconductor ...
1N458 NSC-1N458 Datasheet
38Kb / 2P
   High Conductance Low Leakage Diode
logo
Microsemi Corporation
1N458 MICROSEMI-1N458 Datasheet
77Kb / 1P
   SWITCHING DIODE
1N458 MICROSEMI-1N458 Datasheet
121Kb / 2P
   SWITCHING DIODE
1N458 MICROSEMI-1N458 Datasheet
122Kb / 2P
   SWITCHING DIODE
More results

Similar Description - 1N458

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com