Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC164N-16F Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # XC164N-16F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164N-16F Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button XC164N-16F Datasheet HTML 4Page - Infineon Technologies AG XC164N-16F Datasheet HTML 5Page - Infineon Technologies AG XC164N-16F Datasheet HTML 6Page - Infineon Technologies AG XC164N-16F Datasheet HTML 7Page - Infineon Technologies AG XC164N-16F Datasheet HTML 8Page - Infineon Technologies AG XC164N-16F Datasheet HTML 9Page - Infineon Technologies AG XC164N-16F Datasheet HTML 10Page - Infineon Technologies AG XC164N-16F Datasheet HTML 11Page - Infineon Technologies AG XC164N-16F Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
XC164N
Derivatives
Summary of Features
Data Sheet
6
V1.2, 2006-08
Table 1
XC164N Derivative Synopsis
Derivative1)
1) This Data Sheet is valid for devices starting with and including design step BB.
Temp.
Range
Program
Memory
On-Chip RAM
Inter-
faces
Clock
SAF-XC164N-16F40F
-40
°C to
85
°C
128 Kbytes
Flash
2 Kbytes DPRAM,
4 Kbytes DSRAM,
2 Kbytes PSRAM
ASC0,
ASC1,
SSC0,
SSC1,
CC6
40 MHz
SAF-XC164N-16F20F
-40
°C to
85
°C
20 MHz
SAF-XC164N-8F40F
-40
°C to
85
°C
64 Kbytes
Flash
2 Kbytes DPRAM,
2 Kbytes DSRAM,
2 Kbytes PSRAM
40 MHz
SAF-XC164N-8F20F
-40
°C to
85
°C
20 MHz
SAF-XC164N-16R40F
-40
°C to
85
°C
128 Kbytes
ROM
2 Kbytes DPRAM,
4 Kbytes DSRAM,
2 Kbytes PSRAM
40 MHz
SAF-XC164N-16R20F
-40
°C to
85
°C
20 MHz
SAF-XC164N-8R40F
-40
°C to
85
°C
64 Kbytes
ROM
2 Kbytes DPRAM,
2 Kbytes DSRAM,
2 Kbytes PSRAM
40 MHz
SAF-XC164N-8R20F
-40
°C to
85
°C
20 MHz


Similar Part No. - XC164N-16F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC164N-32R INFINEON-XC164N-32R Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results

Similar Description - XC164N-16F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC164S INFINEON-XC164S Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com