Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC836 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # XC836
Description  8-Bit Single-Chip Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC836 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button XC836 Datasheet HTML 2Page - Infineon Technologies AG XC836 Datasheet HTML 3Page - Infineon Technologies AG XC836 Datasheet HTML 4Page - Infineon Technologies AG XC836 Datasheet HTML 5Page - Infineon Technologies AG XC836 Datasheet HTML 6Page - Infineon Technologies AG XC836 Datasheet HTML 7Page - Infineon Technologies AG XC836 Datasheet HTML 8Page - Infineon Technologies AG XC836 Datasheet HTML 9Page - Infineon Technologies AG XC836 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
XC835/836
Summary of Features
Data Sheet
1
V1.2, 2011-03
1
Summary of Features
The XC835/836 has the following features:
• High-performance XC800 Core
– compatible with standard 8051 processor
– two clocks per machine cycle architecture (for memory access without wait state)
– two data pointers
• On-chip memory
– 8 Kbytes of Boot ROM, Library ROM and User routines
– 256 bytes of RAM
– 256 bytes of XRAM
– 4/8 Kbytes of Flash (includes memory protection strategy)
I/O port supply at 2.5 V - 5.5 V and core logic supply at 2.5 V (generated by
embedded voltage regulator)
Figure 1
XC835/836 Functional Units
Power-on reset generation
Brownout detection for IO supply and core logic supply
48 MHz on-chip OSC for clock generation
– Loss-of-Clock detection
(more features on next page)
Port 0
Port 1
Port 2
XC800 Core
UART
ADC
10-bit
8-channel
Boot ROM
8K Bytes
XRAM
256 Bytes
RAM
256 Bytes
On-Chip Debug Support
Timer 0
16-bit
Timer 1
16-bit
Timer 2
16-bit
Watchdog
Timer
SSC
8/4K Bytes
Flash
Capture/Compare Unit
16-bit
Compare Unit
16-bit
8-bit Digital I/O
6-bit Digital I/O
8-bit Digital/
Analog Input
IIC
MDU
LED and Touch Sense Controller
Real-Time
Clock
Port 3
CORDIC
3-bit Digital I/O


Similar Part No. - XC836

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC836 INFINEON-XC836 Datasheet
2Mb / 57P
   8-Bit Single-Chip Microcontroller
V1.4 2011-10
XC836M INFINEON-XC836M Datasheet
2Mb / 57P
   8-Bit Single-Chip Microcontroller
V1.4 2011-10
XC836MT INFINEON-XC836MT Datasheet
2Mb / 57P
   8-Bit Single-Chip Microcontroller
V1.4 2011-10
XC836T INFINEON-XC836T Datasheet
2Mb / 57P
   8-Bit Single-Chip Microcontroller
V1.4 2011-10
More results

Similar Description - XC836

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com