Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2232N Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # XC2232N
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance XC2000 Family / Value Line
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2232N Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button XC2232N Datasheet HTML 5Page - Infineon Technologies AG XC2232N Datasheet HTML 6Page - Infineon Technologies AG XC2232N Datasheet HTML 7Page - Infineon Technologies AG XC2232N Datasheet HTML 8Page - Infineon Technologies AG XC2232N Datasheet HTML 9Page - Infineon Technologies AG XC2232N Datasheet HTML 10Page - Infineon Technologies AG XC2232N Datasheet HTML 11Page - Infineon Technologies AG XC2232N Datasheet HTML 12Page - Infineon Technologies AG XC2232N Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
XC2232N, XC2234N, XC2236N, XC2238N
XC2000 Family / Value Line
Summary of Features
Data Sheet
9
V1.3, 2010-04
1.1
Basic Device Types
Basic device types are available and can be ordered through Infineon’s direct and/or
distribution channels. The devices are available for the SAK temperature range only.
Table 1
Synopsis of XC223xN Basic Device Types
Derivative
1)
1) The 80 MHz type is marked ...80L. The 40 MHz type is marked ...40L.
Flash
Memory
2)
2) Specific information about the on-chip Flash memory in Table 3.
PSRAM
DSRAM
3)
3) All derivatives additionally provide 8 Kbytes SBRAM and 2 Kbytes DPRAM.
Capt./Comp.
Modules
4)
4) Due to bonding limitations in the XC223xN devices only a subset of the CCU61 features can be used. The
module has the T12 and T13 timer inputs and no outputs connected. Therefore only CCU61 timers can be
triggered from external. This can typically be used for periodic triggering of ADCs.
ADC
5)
Chan.
5) Specific information about the available channels in Table 5.
Analog input channels are listed for each Analog/Digital Converter module separately (ADC0 + ADC1).
Interfaces
5)
XC2236N-24F40L 192 Kbytes 8 Kbytes
8 Kbytes
CC2
CCU60/1
7 + 2
1 CAN Node,
4 Serial Chan.
XC2236N-40F80L 320 Kbytes 16 Kbytes
16 Kbytes
CC2
CCU60/1
7 + 2
1 CAN Node,
4 Serial Chan.
XC2238N-40F80L 320 Kbytes 16 Kbytes
16 Kbytes
CC2
CCU60/1
7 + 2
6 CAN Node,
6 Serial Chan.


Similar Part No. - XC2232N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2232N INFINEON-XC2232N Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2232N-24FxL INFINEON-XC2232N-24FxL Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2232N-40FxL INFINEON-XC2232N-40FxL Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2232N-8FxL INFINEON-XC2232N-8FxL Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
More results

Similar Description - XC2232N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-XC2765X-104F80LAA INFINEON-SAK-XC2765X-104F80LAA Datasheet
1Mb / 128P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance XC2000 Family / Base Line
V2.1 2011-07
XC2268M INFINEON-XC2268M Datasheet
1Mb / 128P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance XC2000 Family Derivatives / Base Line
V2.0 2009-03
XC2287M INFINEON-XC2287M Datasheet
1Mb / 142P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance XC2000 Family Derivatives / Base Line
V2.0 2009-03
XC2238M INFINEON-XC2238M Datasheet
871Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance XC2000 Family Derivatives / Base Line
V2.0 2009-03
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com