Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAX-XC878LM-16FFA5V Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAX-XC878LM-16FFA5V
Description  8-Bit Single-Chip Microcontroller
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAX-XC878LM-16FFA5V Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAX-XC878LM-16FFA5V Datasheet HTML 7Page - Infineon Technologies AG SAX-XC878LM-16FFA5V Datasheet HTML 8Page - Infineon Technologies AG SAX-XC878LM-16FFA5V Datasheet HTML 9Page - Infineon Technologies AG SAX-XC878LM-16FFA5V Datasheet HTML 10Page - Infineon Technologies AG SAX-XC878LM-16FFA5V Datasheet HTML 11Page - Infineon Technologies AG SAX-XC878LM-16FFA5V Datasheet HTML 12Page - Infineon Technologies AG SAX-XC878LM-16FFA5V Datasheet HTML 13Page - Infineon Technologies AG SAX-XC878LM-16FFA5V Datasheet HTML 14Page - Infineon Technologies AG SAX-XC878LM-16FFA5V Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 145 page
background image
XC87xCLM
Summary of Features
Data Sheet
4
V1.5, 2011-03
SAF-XC878CM-13FFI 3V3
Flash
52
3.3
-40 to 85
Industrial
SAF-XC878-16FFI 3V3
Flash
64
3.3
-40 to 85
Industrial
SAF-XC878M-16FFI 3V3
Flash
64
3.3
-40 to 85
Industrial
SAF-XC878CM-16FFI 3V3
Flash
64
3.3
-40 to 85
Industrial
SAF-XC878-13FFA 5V
Flash
52
5.0
-40 to 85
Automotive
SAF-XC878CM-13FFA 5V
Flash
52
5.0
-40 to 85
Automotive
SAF-XC878LM-13FFA 5V
Flash
52
5.0
-40 to 85
Automotive
SAF-XC878CLM-13FFA 5V
Flash
52
5.0
-40 to 85
Automotive
SAF-XC878-16FFA 5V
Flash
64
5.0
-40 to 85
Automotive
SAF-XC878CM-16FFA 5V
Flash
64
5.0
-40 to 85
Automotive
SAF-XC878LM-16FFA 5V
Flash
64
5.0
-40 to 85
Automotive
SAF-XC878CLM-16FFA 5V
Flash
64
5.0
-40 to 85
Automotive
SAX-XC878-13FFA 5V
Flash
52
5.0
-40 to 105
Automotive
SAX-XC878CM-13FFA 5V
Flash
52
5.0
-40 to 105
Automotive
SAX-XC878LM-13FFA 5V
Flash
52
5.0
-40 to 105
Automotive
SAX-XC878CLM-13FFA 5V
Flash
52
5.0
-40 to 105
Automotive
SAX-XC878-16FFA 5V
Flash
64
5.0
-40 to 105
Automotive
SAX-XC878CM-16FFA 5V
Flash
64
5.0
-40 to 105
Automotive
SAX-XC878LM-16FFA 5V
Flash
64
5.0
-40 to 105
Automotive
SAX-XC878CLM-16FFA 5V
Flash
64
5.0
-40 to 105
Automotive
SAK-XC878-13FFA 5V
Flash
52
5.0
-40 to 125
Automotive
SAK-XC878CM-13FFA 5V
Flash
52
5.0
-40 to 125
Automotive
SAK-XC878LM-13FFA 5V
Flash
52
5.0
-40 to 125
Automotive
SAK-XC878CLM-13FFA 5V
Flash
52
5.0
-40 to 125
Automotive
SAK-XC878-16FFA 5V
Flash
64
5.0
-40 to 125
Automotive
SAK-XC878CM-16FFA 5V
Flash
64
5.0
-40 to 125
Automotive
SAK-XC878LM-16FFA 5V
Flash
64
5.0
-40 to 125
Automotive
SAK-XC878CLM-16FFA 5V
Flash
64
5.0
-40 to 125
Automotive
SAF-XC874LM-16FVA 5V
Flash
64
5.0
-40 to 85
Automotive
Table 2
Device Profile (cont’d)
Sales Type
Device
Type
Program
Memory
(Kbytes)
Power
Supply
(V)
Temp-
erature
(°C)
Quality
Profile


Similar Part No. - SAX-XC878LM-16FFA5V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAX-XC878LM-16FFA5V INFINEON-SAX-XC878LM-16FFA5V Datasheet
2Mb / 145P
   8-Bit Single-Chip Microcontroller
V1.4 2010-08
More results

Similar Description - SAX-XC878LM-16FFA5V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com