Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2264N Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # XC2264N
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2264N Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button XC2264N Datasheet HTML 6Page - Infineon Technologies AG XC2264N Datasheet HTML 7Page - Infineon Technologies AG XC2264N Datasheet HTML 8Page - Infineon Technologies AG XC2264N Datasheet HTML 9Page - Infineon Technologies AG XC2264N Datasheet HTML 10Page - Infineon Technologies AG XC2264N Datasheet HTML 11Page - Infineon Technologies AG XC2264N Datasheet HTML 12Page - Infineon Technologies AG XC2264N Datasheet HTML 13Page - Infineon Technologies AG XC2264N Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
XC2261N, XC2263N, XC2264N, XC2265N, XC2268N
XC2000 Family / Value Line
Summary of Features
Data Sheet
10
V1.3, 2010-04
1.2
Special Device Types
Special device types are only available for high-volume applications on request. The
devices are available for the SAK and SAF temperature ranges.
Table 2
Synopsis of XC226xN Special Device Types
Derivative
1)
1) x is a placeholder for available speed grade in MHz. Can be 20, 40, 66 or 80.
Flash
Memory
2)
2) Specific information about the on-chip Flash memory in Table 3.
PSRAM
DSRAM
3)
3) All derivatives additionally provide 8 Kbytes SBRAM and 2 Kbytes DPRAM.
Capt./Comp.
Modules
ADC
4)
Chan.
4) Specific information about the available channels in Table 5.
Analog input channels are listed for each Analog/Digital Converter module separately (ADC0 + ADC1).
Interfaces
4)
XC2261N-24FxL 192 Kbytes 4 Kbytes
4 Kbytes
CC2
CCU60/1
11 + 0 1 CAN Node,
2 Serial Chan.
XC2263N-16FxL 128 Kbytes 4 Kbytes
4 Kbytes
CC2
CCU60/1
11 + 5 1 CAN Node,
4 Serial Chan.
XC2263N-24FxL 192 Kbytes 8 Kbytes
8 Kbytes
CC2
CCU60/1
11 + 5 1 CAN Node,
4 Serial Chan.
XC2263N-40FxL 320 Kbytes 8 Kbytes
16 Kbytes
CC2
CCU60/1
11 + 5 1 CAN Node,
4 Serial Chan.
XC2264N-16FxL 128 Kbytes 4 Kbytes
4 Kbytes
CC2
CCU60/1
8 + 0
2 CAN Node,
4 Serial Chan.
XC2264N-24FxL 192 Kbytes 8 Kbytes
8 Kbytes
CC2
CCU60/1
8 + 0
2 CAN Node,
4 Serial Chan.
XC2264N-40FxL 320 Kbytes 16 Kbytes
16 Kbytes
CC2
CCU60/1
8 + 0
2 CAN Node,
4 Serial Chan.
XC2265N-16FxL 128 Kbytes 4 Kbytes
4 Kbytes
CC2
CCU60/1
11 + 5 3 CAN Node,
6 Serial Chan.
XC2265N-24FxL 192 Kbytes 8 Kbytes
8 Kbytes
CC2
CCU60/1
11 + 5 3 CAN Node,
6 Serial Chan.
XC2265N-40FxL 320 Kbytes 8 Kbytes
16 Kbytes
CC2
CCU60/1
11 + 5 3 CAN Node,
6 Serial Chan.


Similar Part No. - XC2264N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2264N INFINEON-XC2264N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.6 2014-06
XC2264N-16FxL INFINEON-XC2264N-16FxL Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.6 2014-06
XC2264N-24FxL INFINEON-XC2264N-24FxL Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.6 2014-06
XC2264N-40FxL INFINEON-XC2264N-40FxL Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.6 2014-06
More results

Similar Description - XC2264N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com