Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4563B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N4563B
Description  50 WATT ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4563B Datasheet(HTML) 1 Page - Microsemi Corporation

  1N4563B Datasheet HTML 1Page - Microsemi Corporation 1N4563B Datasheet HTML 2Page - Microsemi Corporation 1N4563B Datasheet HTML 3Page - Microsemi Corporation 1N4563B Datasheet HTML 4Page - Microsemi Corporation 1N4563B Datasheet HTML 5Page - Microsemi Corporation 1N4563B Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
50 WATT ZENER DIODES
Qualified per MIL-PRF-19500/114
T4-LDS-0076 Rev. 2 (101151)
Page 1 of 6
DEVICES
LEVELS
1N2804B thru 1N2846B & RB
JAN
and
JANTX
1N4557B thru 1N4564B & RB
JANTXV
B = Standard Polarity: RB = Reverse Polarity
DESCRIPTION
TO-3 (DO-204AD)
These high power 50W Zener diodes represented by the JEDEC registered 1N2804B
thru 1N2846B and 1N4557B thru 1N4564B series provide voltage regulation in a
selection over a 3.9V to 200V broad range of voltages. They may be operated up to
50W with adequate mounting and heat sinking with their low thermal resistance.
These Zeners are also available in JAN, JANTX, JANTXV military qualifications.
Microsemi also offers numerous other Zener products to meet higher and lower
power applications.
FEATURES
JEDEC registered 1N2804 thru 1N2846B and 1N4557 thru 1N4564B
Internal solder bond construction
Hermetically sealed (welded)
Zener Voltage 3.9V to 200V
Also available in JAN, JANTX, and JANTXV qualifications per MIL-PRF-
19500/114 by adding the JAN, JANTX, or JANTXV prefixes to part numbers
for desired level of screening; (e.g. JANTX1N2804B, etc.
Standard polarity is anode to case
Reverse polarity with cathode to case by designating R suffix in part number,
e.g. 1N28 factory for surface mount equivalents 04RB, etc
Consult factory for surface mount equivalents


Similar Part No. - 1N4563B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4563B MICROSEMI-1N4563B Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
1N4563B MICROSEMI-1N4563B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N4563B NJSEMI-1N4563B Datasheet
171Kb / 1P
   SILICON 50 WATT ZENER DIODE
More results

Similar Description - 1N4563B

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
logo
Microsemi Corporation
1N2846B MICROSEMI-1N2846B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
1N4553A MICROSEMI-1N4553A Datasheet
380Kb / 3P
   50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N2804 MICROSEMI-1N2804 Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com