Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99BRW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV99BRW
Description  Surface Mount Switching Diode Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV99BRW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAV99BRW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV99BRW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BAV99BRW
Quad Chips
Surface Mount Switching Diode Array
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
75
Vdc
Forward Current
IF
150
mAdc
Peak Forward Surge Current
IFM(surge)
400
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
Derate above 25
°C
PD
200
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25
°C
PD
250
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
BAV99BRW= KGJ
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(I(BR) = 100 µAdc)
V(BR)
75
Vdc
Reverse Voltage Leakage Current
(VR = 25 Vdc, TJ = 150°C)
(VR = 70 Vdc)
(VR = 70 Vdc, TJ = 150°C)
IR
30
2.5
50
µAdc
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CD
2
pF
Forward Voltage
(IF = 1.0 mAdc)
(IF = 10 mAdc)
(IF = 50 mAdc)
(IF = 150 mAdc)
VF
715
855
1000
1250
mVdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) (Figure 1) RL = 100 Ω
trr
4.0
ns
1. FR–5 = 1.0 X 0.75 X 0.062 in. 2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
FEATURES
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for
Automatic Insertion
·
For General Purpose Switching Applications
·
High Conductance
http://www.SeCoSGmbH.com
Elektronische Bauelemente
TOP VIEW
0
9-Apr-2007 Rev. A
Page 1 of 2
SOT-363
Dimensions in inches and (millimeters)
.014(0.35)
.006(0.15)
.087(2.20)
.079(2.00)
.055(1.40)
.047(1.20)
.026TYP
(0.65TYP)
.096(2.45)
.085(2.15)
.021REF
(0.525)REF
.018(0.46)
.010(0.26)
.006(0.15)
.003(0.08)
.053(1.35)
.045(1.15)
.043(1.10)
.035(0.90)
.039(1.00)
.035(0.90)
.004(0.10)
.000(0.00)
8
o
o
0
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BAV99BRW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99BRW DIODES-BAV99BRW Datasheet
61Kb / 2P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30155 Rev. C-1
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW Datasheet
163Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Weitron Technology
BAV99BRW WEITRON-BAV99BRW Datasheet
277Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Diodes Incorporated
BAV99BRW DIODES-BAV99BRW Datasheet
361Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30155 Rev. 8 - 2
More results

Similar Description - BAV99BRW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAS16VV DIODES-BAS16VV Datasheet
598Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
February 2023 Rev. 4 - 2
BAV99BRLP DIODES-BAV99BRLP_15 Datasheet
84Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAW56DW DIODES-BAW56DW_15 Datasheet
189Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
logo
SeCoS Halbleitertechnol...
BAV99BRW SECOS-BAV99BRW_15 Datasheet
794Kb / 2P
   Surface Mount Switching Diode Array
MMBD4148TW SECOS-MMBD4148TW_15 Datasheet
158Kb / 2P
   Surface Mount Switching Diode Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com