Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5535B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N5535B
Description  LOW REVERSE LEAKAGE CHARACTERISTICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5535B Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5535B Datasheet HTML 1Page - Microsemi Corporation 1N5535B Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
61
MAXIMUM RATINGS
Junction and Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500 mW @ +50°C
Power Derating: 4 mW / °C above +50°C
Forward Voltage @ 200mA: 1.1 volts maximum
ELECTRICAL CHARACTERISTICS @ 25°C
B-C-D
SUFFIX
B-C-D SUFFIX
JEDEC
NOMINAL
ZENER
MAX. ZENER
MAXIMUM REVERSE
MAXIMUM
MAX. NOISE
REGULATION
LOW
TYPE
ZENER
TEST
IMPEDANCE
LEAKAGE CURRENT
DC ZENER
DENSITY
FACTOR
VZ
NUMBER
VOLTAGE
CURRENT
B-C-D SUFFIX
CURRENT
@1Z=250
µ A
CURRENT
VZ@ 1ZT
1ZT
ZZT @ 1ZT
lR
VR = VOLTS
1ZM
ND
³VZ
1ZL
(NOTE 1)
(NOTE 2)
(NOTE 3)
(NOTE 4)
(NOTE 5)
NON & A-
B-C-D-
VOLTS
mAdc
OHMS
µ Adc
SUFFIX
SUFFIX
mAdc
µ V/
HZ
VOLTS
mAdc
1N5518B
3.3
20
26
5.0
0.90
1.0
115
0.5
0.90
2.0
1N5519B
3.6
20
24
3.0
0.90
1.0
105
0.5
0.90
2.0
1N5520B
3.9
20
22
1.0
0.90
1.0
98
0.5
0.85
2.0
1N5521B
4.3
20
18
3.0
1.0
1.5
88
0.5
0.75
2.0
1N5522B
4.7
10
22
2.0
1.5
2.0
81
0.5
0.60
1.0
1N5523B
5.1
5.0
26
2.0
2.0
2.5
75
0.5
0.65
0.25
1N5524B
5.6
3.0
30
2.0
3.0
3.5
68
1.0
0.30
0.25
1N5525B
6.2
1.0
30
1.0
4.5
5.0
61
1.0
0.20
0.01
1N5526B
6.8
1.0
30
1.0
5.5
6.2
56
1.0
0.10
0.01
1N5527B
7.5
1.0
35
0.5
6.0
6.8
51
2.0
0.05
0.01
1N5528B
8.2
1.0
40
0.5
6.5
7.5
46
4.0
0.05
0.01
1N5529B
9.1
1.0
45
0.1
7.0
8.2
42
4.0
0.05
0.01
1N5530B
10.0
1.0
60
0.05
8.0
9.1
38
4.0
0.10
0.01
1N5531B
11.0
1.0
80
0.05
9.0
9.9
35
5.0
0.20
0.01
1N5532B
12.0
1.0
90
0.05
9.5
10.8
32
10
0.20
0.01
1N5533B
13.0
1.0
90
0.01
10.5
11.7
29
15
0.20
0.01
1N5534B
14.0
1.0
100
0.01
11.5
12.6
27
20
0.20
0.01
1N5535B
15.0
1.0
100
0.01
12.5
13.5
25
20
0.20
0.01
1N5536B
16.0
1.0
100
0.01
13.0
14.4
24
20
0.20
0.01
1N5537B
17.0
1.0
100
0.01
14.0
15.3
22
20
0.20
0.01
1N5538B
18.0
1.0
100
0.01
15.0
16.2
21
20
0.20
0.01
1N5539B
19.0
1.0
100
0.01
16.0
17.1
20
20
0.20
0.01
1N5540B
20.0
1.0
100
0.01
17.0
18.0
19
20
0.20
0.01
1N5541B
22.0
1.0
100
0.01
18.0
19.8
17
20
0.25
0.01
1N5542B
24.0
1.0
100
0.01
20.0
21.6
16
20
0.30
0.01
1N5543B
25.0
1.0
100
0.01
21.0
22.4
15
20
0.35
0.01
1N5544B
28.0
1.0
100
0.01
23.0
25.2
14
20
0.40
0.01
1N5545B
30.0
1.0
100
0.01
24.0
27.0
13
20
0.45
0.01
1N5546B
33.0
1.0
100
0.01
28.0
29.7
12
20
0.50
0.01
NOTE 1
No Suffix type numbers are +20% with guaranteed limits for only VZ, lR, and VF. Units
with “A” suffix are +10% with guaranteed limits for VZ, lR, and VF. Units with guaranteed limits for
all six parameters are indicated by a “B” suffix for +5.0% units, “C” suffix for +2.0% and “D” suffix
for +1.0%.
NOTE 2
Zener voltage is measured with the device junction in thermal equilibrium at an ambient
temperature of 25°C + 3°C.
NOTE 3
Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal to 10% of 1ZT.
NOTE 4
Reverse leakage currents are measured at VR as shown on the table.
NOTE 5
³VZ is the maximum difference between VZ at lZT and VZ at lZL measured with
the device junction in thermal equilibrium at the ambient temperature of +25°C +3°C.
DESIGN DATA
CASE: Hermetically sealed glass
case. DO – 35 outline.
LEAD MATERIAL: Copper clad steel.
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
250
°C/W maximum at L = .375 inch
THERMAL IMPEDANCE: (ZOJX): 35
°C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any.
FIGURE 1
• 1N5518-1 THRU 1N5546B-1 AVAILABLE IN
JAN, JANTX AND JANTXV
PER MIL-PRF-19500/437
• LOW REVERSE LEAKAGE CHARACTERISTICS
• LOW NOISE CHARACTERISTICS
• DOUBLE PLUG CONSTRUCTION
• METALLURGICALLY BONDED
1N5518 thru 1N5546D
and
1N5518B-1 thru 1N5546B-1


Similar Part No. - 1N5535B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5535B JGD-1N5535B Datasheet
243Kb / 2P
   0.4W LOW VOLTAGE AVALANCHE DIODES
logo
Compensated Deuices Inc...
1N5535B CDI-DIODE-1N5535B Datasheet
99Kb / 2P
   LOW REVERSE LEAKAGE CHARACTERISTICS
logo
Microsemi Corporation
1N5535B MICROSEMI-1N5535B Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
logo
Compensated Deuices Inc...
1N5535B-1 CDI-DIODE-1N5535B-1 Datasheet
99Kb / 2P
   LOW REVERSE LEAKAGE CHARACTERISTICS
logo
Microsemi Corporation
1N5535B-1 MICROSEMI-1N5535B-1 Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
More results

Similar Description - 1N5535B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5518 CDI-DIODE-1N5518 Datasheet
99Kb / 2P
   LOW REVERSE LEAKAGE CHARACTERISTICS
logo
Microsemi Corporation
1N4099 MICROSEMI-1N4099_1 Datasheet
111Kb / 2P
   LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
logo
DIOTEC Electronics Corp...
1N5391 DEC-1N5391_10 Datasheet
677Kb / 2P
   Low reverse leakage
RS1A DEC-RS1A Datasheet
666Kb / 2P
   Low reverse leakage
UF5400 DEC-UF5400 Datasheet
667Kb / 2P
   Low reverse leakage
logo
Shanghai Leiditech Elec...
MURS205 LEIDITECH-MURS205 Datasheet
679Kb / 2P
   Low reverse leakage
logo
Rugao Dachang Electroni...
ZMM52 DACHANG-ZMM52 Datasheet
120Kb / 2P
   Low reverse leakage
DL47 DACHANG-DL47 Datasheet
119Kb / 2P
   Low reverse leakage
logo
Surge Components
1N5391-1N5399 SURGE-1N5391-1N5399 Datasheet
1Mb / 2P
   Low reverse leakage
logo
DIOTEC Electronics Corp...
1N5400 DEC-1N5400_10 Datasheet
692Kb / 2P
   Low reverse leakage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com