Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6638 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N6638
Description  SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6638 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N6638 Datasheet HTML 1Page - Microsemi Corporation 1N6638 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
I R1
I R2
I R3
I R4
C T1
C T2
TYPES
V R@V R
V R = 20 V
V R = V RWM
V R =V R =
= 20 V
= V RWM
TA = 150°C
TA = 150°C
0V
1.5V
nA dc
µA dc
µA dc
µA dc
pF
pF
1N6638
35
0.5
50
100
2.5
2.0
1N6642
25
0.5
50
100
5.0
2.8
1N6643
50
0.5
75
160
5.0
2.8
75
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (781) 689-0803
WEBSITE: http://www.microsemi.com
V BR
V RWM
V F1
V F2 @I F2
t fr
t rr
TYPES
@ I R
I FM
I F
=100µA
= 10 mA
= 50 mA
(Pulsed)
(Pulsed)
V(PK)
V(PK)
V dc
V dc
mA
ns
ns
(min)
1N6638
150
125
0.8
1.1
200
20
4.5
1N6642
100
75
0.8
1.2
100
20
5.0
1N6643
75
50
1.0
1.2
100
20
6.0
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
Operating Current: 300 mA
Derating: 3.0 mA/°C Above TL = + 75°C @L = 3/8”
Surge Current: I
FSM = 2.5A, half sine wave, P
w = 8.3ms
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
• 1N6638,1N6642, 1N6643 AVAILABLE IN
JAN, JANTX, JANTXV, AND JANS
PER MIL-PRF-19500/578
• SWITCHING DIODES
• NON-CAVITY GLASS PACKAGE
• METALLURGICALLY BONDED
1N6638
1N6642
1N6643
DESIGN DATA
CASE: Hermetically sealed, “D” Body
per MIL-PRF- 19500/578. D-5D
LEAD MATERIAL: Copper clad steel
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJL): 160
°C/W maximum at L = .375
THERMAL IMPEDANCE: (ZOJX): 25
°C/W maximum
POLARITY: Cathode end is banded.
MOUNTING POSITION: Any
FIGURE 1
0.056/0.075
1.42/1.91
0.140/0.180
3.55/4.57
1.00
25.4
0.018/0.022
0.46/0.56
POLARITY
BAND
(CATHODE)


Similar Part No. - 1N6638

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6638 CDI-DIODE-1N6638 Datasheet
70Kb / 2P
   SWITCHING DIODES
logo
Microsemi Corporation
1N6638 MICROSEMI-1N6638 Datasheet
147Kb / 3P
   COMPUTER DIODE Switching
1N6638 MICROSEMI-1N6638 Datasheet
87Kb / 2P
   COMPUTER SWITCHING DIODE
1N6638 MICROSEMI-1N6638 Datasheet
90Kb / 2P
   COMPUTER SWITCHING DIODE
logo
List of Unclassifed Man...
1N6638 ETC1-1N6638 Datasheet
63Kb / 4P
   SIGNAL OR COMPUTER DIODE
More results

Similar Description - 1N6638

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
   SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
   Switching Diodes
logo
Microsemi Corporation
1N4153UR-1 MICROSEMI-1N4153UR-1 Datasheet
37Kb / 2P
   SWITCHING DIODES
1N6639 MICROSEMI-1N6639_1 Datasheet
46Kb / 2P
   SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
   Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
   SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
   Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS516 WINNERJOIN-BAS516 Datasheet
162Kb / 1P
   Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
   SWITCHING Diodes
logo
Guangdong Kexin Industr...
MMBD4148-3 KEXIN-MMBD4148-3 Datasheet
972Kb / 2P
   Switching Diodes
MMBD7000-3 KEXIN-MMBD7000-3 Datasheet
810Kb / 2P
   Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com