Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3810 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # 2N3810
Description  PNP SILICON DUAL TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3810 Datasheet(HTML) 5 Page - Microsemi Corporation

  2N3810_11 Datasheet HTML 1Page - Microsemi Corporation 2N3810_11 Datasheet HTML 2Page - Microsemi Corporation 2N3810_11 Datasheet HTML 3Page - Microsemi Corporation 2N3810_11 Datasheet HTML 4Page - Microsemi Corporation 2N3810_11 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0118 Rev. 2 (110152)
Page 5 of 5
Symbol
Dimensions
Inches
Millimeters
Min
Max
Min
Max
BL
.240
.250
6.10
6.35
BL2
.250
6.35
BW
.165
.175
4.19
4.45
BW2
.175
4.45
CH
.044
.080
1.12
2.03
LH
.026
.039
0.66
0.99
LL1
.060
.070
1.52
1.78
LL2
.082
.098
2.08
2.49
LS1
.095
.105
2.41
2.67
LS2
.045
.055
1.14
1.40
LW
.022
.028
0.56
0.71
NOTES:
1
Dimensions are in inches.
2
Millimeters are given for general information only.
3
In accordance with AMSE Y14.5M, diameters are equivalent to
φx symbology.
FIGURE 2. Physical dimensions (2N3810U and 2N3811U).
Pin no.
Transistor
1
Collector no. 1
2
Base no. 1
3
Base no. 2
4
Collector no. 2
5
Emitter no. 2
6
Emitter no. 1


Similar Part No. - 2N3810_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3810K1 STMICROELECTRONICS-2N3810K1 Datasheet
359Kb / 14P
   Rad-Hard 60 V, 0.05 A PNP dual matched transistor
DS6098 - Rev 9 - September 2020
logo
Microsemi Corporation
2N3810 MICROSEMI-2N3810_1 Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
2N3810 CENTRAL-2N3810_15 Datasheet
662Kb / 3P
   SILICON DUAL PNP TRANSISTORS
More results

Similar Description - 2N3810_11

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3726 CENTRAL-2N3726_15 Datasheet
112Kb / 2P
   PNP DUAL SILICON TRANSISTOR
2N3726 CENTRAL-2N3726 Datasheet
108Kb / 2P
   PNP DUAL SILICON TRANSISTOR
logo
Microsemi Corporation
JANTX2N3810 MICROSEMI-JANTX2N3810 Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
MD3250 CENTRAL-MD3250 Datasheet
494Kb / 2P
   DUAL PNP SILICON TRANSISTOR
2N3810 CENTRAL-2N3810 Datasheet
113Kb / 2P
   DUAL PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N3810 MICROSEMI-2N3810 Datasheet
61Kb / 2P
   PNP SILICON DUAL TRANSISTOR
2N5795 MICROSEMI-2N5795 Datasheet
127Kb / 2P
   PNP DUAL SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SA1928 ETC-2SA1928 Datasheet
113Kb / 5P
   SILICON PNP DUAL TRANSISTOR
logo
Microsemi Corporation
JANTX2N3810U MICROSEMI-JANTX2N3810U Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
2N3810 MICROSEMI-2N3810_1 Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com