Electronic Components Datasheet Search |
|
2N3822 Datasheet(PDF) 3 Page - Microsemi Corporation |
|
2N3822 Datasheet(HTML) 3 Page - Microsemi Corporation |
3 / 4 page TECHNICAL DATA SHEET 6 Lake Street, Lawrence, MA 01841 Gort Road Business Park, Ennis, Co. Clare, Ireland 1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803 Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298 Website: http://www.microsemi.com T4-LDS-0005 Rev. 2 (101425) Page 3 of 4 PACKAGE DIMENSIONS NOTE: * 1 Dimensions are in inches. Millimeters are given for general information only. 2 Measured in the zone beyond .250 (6.35 mm) from the seating plane. 3 Measured in the zone .050 (1.27 mm) and .250 (6.35 mm) from the seating plane. 4 When measured in a gauging plane .054 +.001, -.000 (1.37 +.3, -.00 mm) before the seating plane of the transistor, maximum diameter leads shall be within .007 (.18 mm) of their true location relative to a maximum width tab. Smaller diameter leads shall fall within the outline of the maximum diameter lead tolerance. 5 The active elements are electrically insulated from the case. 6 All 4 leads. 7 Lead 1 is the source, lead 2 is the drain, lead 3 is the gate, and lead 4 is the case. 8 Symbol TL is measured from HD maximum. 9 In accordance with ASME Y14.5M, diameters are equivalent to φx symbology. *FIGURE 1 Physical dimensions (similar to TO-72) Dimensions Ltr Inches Millimeters Notes Min Max Min Max CD .178 .195 4.52 4.95 CH .170 .210 4.32 5.33 HD .209 .230 5.31 5.84 L1 .050 1.27 L2 .250 6.35 LC .100 TP 2.54 TP LD .016 .021 0.41 0.53 2, 6 LL .500 .750 12.70 19.05 6 LU .016 .019 0.41 0.48 3, 6 Q .040 1.02 r .007 0.18 TL .028 .048 0.71 1.22 8 TW .036 .046 0.91 1.17 α 45° TP |
Similar Part No. - 2N3822 |
|
Similar Description - 2N3822 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |