Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6768 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6768
Description  N-CHANNEL MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6768 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6768_10 Datasheet HTML 1Page - Microsemi Corporation 2N6768_10 Datasheet HTML 2Page - Microsemi Corporation 2N6768_10 Datasheet HTML 3Page - Microsemi Corporation 2N6768_10 Datasheet HTML 4Page - Microsemi Corporation 2N6768_10 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
N-CHANNEL MOSFET
Qualified per MIL-PRF-19500/543
T4-LDS-0043 Rev. 2 (101484)
Page 1 of 5
DEVICES
LEVELS
2N6768
2N6768T1
JAN
JANTX
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Drain – Source Voltage
VDS
400
Vdc
Gate – Source Voltage
VGS
± 20
Vdc
Continuous Drain Current
TC = +25°C
ID1
14
Adc
Continuous Drain Current
TC = +100°C
ID2
9.0
Adc
Max. Power Dissipation
TC = +25°C
Ptl
150 (1)
W
Drain to Source On State Resistance
Rds(on)
0.3 (2)
Ω
Operating & Storage Temperature
Top, Tstg
-55 to +150
°C
Note: (1) Derated Linearly by 1.2 W/°C for TC > +25°C
(2) VGS = 10Vdc, ID = 9.0A
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 1mAdc
V(BR)DSS
400
Vdc
Gate-Source Voltage (Threshold)
VDS ≥ VGS, ID = 0.25mA
VDS ≥ VGS, ID = 0.25mA, Tj = +125°C
VDS ≥ VGS, ID = 0.25mA, Tj = -55°C
VGS(th)1
VGS(th)2
VGS(th)3
2.0
1.0
4.0
5.0
Vdc
Gate Current
VGS = ±20V, VDS = 0V
VGS = ±20V, VDS = 0V, Tj = +125°C
IGSS1
IGSS2
±100
±200
nAdc
Drain Current
VGS = 0V, VDS = 320V
VGS = 0V, VDS = 400V, Tj = +125°C
VGS = 0V, VDS = 320V, Tj = +125°C
IDSS1
IDSS2
IDSS3
25
1.0
0.25
µAdc
mAdc
mAdc
Static Drain-Source On-State Resistance
VGS = 10V, ID2 = 9A pulsed
VGS = 10V, ID1 = 4A pulsed
Tj = +125°C
VGS = 10V, ID2 = 9A pulsed
rDS(on)1
rDS(on)2
rDS(on)3
0.3
0.4
0.66
Ω
Ω
Ω
Diode Forward Voltage
VGS = 0V, ID1 = 14A pulsed
VSD
1.7
Vdc
2N6768
TO-204AA (TO-3)
2N6768T1 (TO-254AA)


Similar Part No. - 2N6768_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6768T1 MICROSEMI-2N6768T1 Datasheet
113Kb / 2P
   N-CHANNEL MOSFET
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
More results

Similar Description - 2N6768_10

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com