Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6768 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # 2N6768
Description  N-CHANNEL MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6768 Datasheet(HTML) 5 Page - Microsemi Corporation

  2N6768 Datasheet HTML 1Page - Microsemi Corporation 2N6768 Datasheet HTML 2Page - Microsemi Corporation 2N6768 Datasheet HTML 3Page - Microsemi Corporation 2N6768 Datasheet HTML 4Page - Microsemi Corporation 2N6768 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0182 Rev. 1 (101484)
Page 5 of 5
PACKAGE DIMENSIONS
NOTES:
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. Protrusion thickness of ceramic eyelets included in dimension LL.
4. All terminals are isolated from case.
5. In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
FIGURE 2. Physical dimensions for 2N6764T1, 2N6766T1, 2N6768T1, and 2N6770T1 (TO-254AA).
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
BL
.535
.545
13.59
13.84
CH
.249
.260
6.32
6.60
LD
.035
.045
0.89
1.14
LL
.510
.570
12.95
14.48
LO
.150 BSC
3.81 BSC
3, 4
LS
.150 BSC
3.81 BSC
MHD
.139
.149
3.53
3.78
MHO
.665
.685
16.89
17.40
TL
.790
.800
20.07
20.32
TT
.040
.050
1.02
1.27
TW
.535
.545
13.59
13.84
Term 1
Drain
Term 2
Source
Term 3
Gate


Similar Part No. - 2N6768

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6768 FAIRCHILD-2N6768 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
logo
Microsemi Corporation
2N6768 MICROSEMI-2N6768 Datasheet
113Kb / 2P
   N-CHANNEL MOSFET
logo
Seme LAB
2N6768 SEME-LAB-2N6768 Datasheet
43Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Microsemi Corporation
2N6768 MICROSEMI-2N6768 Datasheet
244Kb / 5P
   N-CHANNEL MOSFET
2N6768 MICROSEMI-2N6768 Datasheet
256Kb / 5P
   N-CHANNEL MOSFET
More results

Similar Description - 2N6768

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com