Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6766 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N6766
Description  N-CHANNEL MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6766 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N6766 Datasheet HTML 1Page - Microsemi Corporation 2N6766 Datasheet HTML 2Page - Microsemi Corporation 2N6766 Datasheet HTML 3Page - Microsemi Corporation 2N6766 Datasheet HTML 4Page - Microsemi Corporation 2N6766 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0043 Rev. 2 (101484)
Page 3 of 5
PACKAGE DIMENSIONS


Similar Part No. - 2N6766

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6766 FAIRCHILD-2N6766 Datasheet
142Kb / 5P
   N-Channel Power MOSFETs, 30A, 150V/200V
logo
IXYS Corporation
2N6766 IXYS-2N6766 Datasheet
49Kb / 1P
   High Voltage Power MOSFET Die N-Channel Enhancement Mode High Ruggedness Series
logo
Microsemi Corporation
2N6766 MICROSEMI-2N6766 Datasheet
244Kb / 5P
   N-CHANNEL MOSFET
2N6766 MICROSEMI-2N6766 Datasheet
256Kb / 5P
   N-CHANNEL MOSFET
2N6766 MICROSEMI-2N6766 Datasheet
256Kb / 5P
   N-CHANNEL MOSFET
More results

Similar Description - 2N6766

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com