Electronic Components Datasheet Search |
|
2N6796 Datasheet(PDF) 3 Page - Microsemi Corporation |
|
2N6796 Datasheet(HTML) 3 Page - Microsemi Corporation |
3 / 4 page TECHNICAL DATA SHEET 6 Lake Street, Lawrence, MA 01841 Gort Road Business Park, Ennis, Co. Clare, Ireland 1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803 Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298 Website: http://www.microsemi.com T4-LDS-0047 Rev. 2 (101281) Page 3 of 4 PACKAGE DIMENSIONS Ltr Dimensions Inches Millimeters Notes Min Max Min Max CD .305 .355 7.75 9.02 CH .160 .180 4.07 4.57 HD .335 .370 8.51 9.39 h .009 .041 0.23 1.04 J .028 .034 0.72 0.86 2 k .029 .045 0.74 1.14 3 LD .016 .021 0.41 0.53 7, 8 LL .500 .750 12.7 19.05 7, 8 LS .200 TP 5.08 TP 6 LU .016 .019 0.41 0.48 7, 8 L1 .050 1.27 7, 8 L2 .250 6.35 7, 8 P .070 1.78 5 Q .050 1.27 4 r .010 0.25 9 α 45° TP 45° TP 6 NOTES: 1 Dimensions are in inches. Millimeters are given for general information only. 2 Beyond radius (r) maximum, j shall be held for a minimum length of .011 (0.028 mm). 3 Dimension k measured from maximum HD. 4 Outline in this zone is not controlled. 5 Dimension CD shall not vary more than .010 (0.25 mm) in zone P. This zone is controlled for automatic handling. 6. Leads at gauge plane .054 +.001, -.000 (1.37 +0.03, -0.00 mm) below seating plane shall be within .007 (0.18 mm) radius of true position (TP) at maximum material condition (MMC) relative to tab at MMC. 6 LU applies between L1 and L2. LD applies between L2 and L minimum. Diameter is uncontrolled in L1 and beyond LL minimum. 7 All three leads. 8 Radius (r) applies to both inside corners of tab. 9 Drain is electrically connected to the case. 10 In accordance with ASME Y14.5M, diameters are equivalent to φx symbology. FIGURE 1. Physical dimensions for TO-205AF. |
Similar Part No. - 2N6796 |
|
Similar Description - 2N6796 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |