Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6788U Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N6788U
Description  N-CHANNEL MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6788U Datasheet(HTML) 4 Page - Microsemi Corporation

  2N6788U Datasheet HTML 1Page - Microsemi Corporation 2N6788U Datasheet HTML 2Page - Microsemi Corporation 2N6788U Datasheet HTML 3Page - Microsemi Corporation 2N6788U Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0164 Rev. 1 (100553)
Page 4 of 4
Dimensions
Ltr
Inches
Millimeters
Min
Max
Min
Max
BL
.345
.360
8.77
BW
.280
.295
7.11
CH
.095
.115
2.41
LL1
.040
.055
1.02
LL2
.055
.065
1.40
LS
.050 BSC
1.27 BSC
LS1
.025 BSC
0.635 BSC
LS2
.008 BSC
0.203 BSC
LW
.020
.030
0.51
0.76
Q1
.105 REF
2.67 REF
Q2
.120 REF
3.05 REF
Q3
.045
.055
1.14
1.40
TL
.070
.080
1.78
2.03
TW
.120
.130
3.05
3.30
NOTES:
1
Dimensions are in inches.
2
Millimeters are given for general information only.
3
In accordance with ASME Y14.5M, diameters are equivalent to
φx symbology.
4
Ceramic package only.
* FIGURE 2 - Physical dimensions for LCC.


Similar Part No. - 2N6788U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2N6788 IRF-2N6788 Datasheet
238Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.30ohm, Id=6.0A)
logo
Seme LAB
2N6788 SEME-LAB-2N6788 Datasheet
24Kb / 2P
   N-CHANNEL POWER MOSFET ENHANCEMENT MODE
logo
New Jersey Semi-Conduct...
2N6788 NJSEMI-2N6788 Datasheet
164Kb / 1P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
2N6788L SEME-LAB-2N6788L Datasheet
16Kb / 1P
   N-Channel MOSFET
2N6788LCC4 SEME-LAB-2N6788LCC4 Datasheet
31Kb / 2P
   N-CHANNEL POWER MOSFET ENHANCEMENT MODE
More results

Similar Description - 2N6788U

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com