Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX51 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCX51
Description  Plastic-Encapsulate Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCX51 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCX51 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BCX51
PNP Transistors
Plastic-Encapsulate Transistors
RoHS Compliant Product
Elektronische Bauelemente
1.BASE
2.COLLECTOR
3.EMITTER
1
2
3
Features
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
01-Jun-2002 Rev. A
Page 1 of 1
4.4~4.6
1.4~1.8
0.35~0.44
1.4~1.6
0.32~0.52
0.36~0.56
1.5Ref.
2.9~3.1
Dimensision in Millimeter
SOT-89
Power dissipation
PCM:
0.5
W (Tamb=25 )
Collector current
ICM:
-1
A
Collector-base voltage
V(BR)CBO:
-45
V
Operating and storage junction temperature range
TJ, Tstg: -55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
C
o
C
o
C
o
C
o
Collector-base breakdown voltage
V(BR)CBO
Ic=-100µA, IE=0
-45
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1mA , IB=0
-45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V, IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-0.1
µA
hFE(1)
VCE=-2V, IC=-150mA
63
63
100
250
160
250
hFE(2)
VCE=-2V, IC=- 5mA
63
DC current gain
BCX51
BCX51-10
BCX51-16
hFE(3)
VCE=-2V, IC=- 500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=-500 mA, IB= -50mA
-0.5
V
Base-emitter
voltage
VBE(ON)
IC= -500 mA, VCE=-2V
-1
V
Transition frequency
f T
VCE= -5V, IC=-10mA
f = 100MHz
50
MHz
DEVICE MARKING
BCX51=AA
BCX51-10=AC
BCX51-16=AD


Similar Part No. - BCX51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX51 PHILIPS-BCX51 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
WILLAS ELECTRONIC CORP
BCX51 WILLAS-BCX51 Datasheet
369Kb / 3P
   SOT-89 Plastic-Encapsulate Transistors
logo
First Silicon Co., Ltd
BCX51 FS-BCX51 Datasheet
312Kb / 4P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BCX51 SIEMENS-BCX51 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
NXP Semiconductors
BCX51 NXP-BCX51 Datasheet
242Kb / 22P
   45 V, 1 A PNP medium power transistors
Rev. 9-13 October 2011
More results

Similar Description - BCX51

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com