Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL817S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BL817S
Description  High Density Mounting Type Photocoupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BL817S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BL817S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BL817S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BL817S Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BL817S Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BL817S
0.05A , 70V , 150mW
High Density Mounting Type Photocoupler
Elektronische Bauelemente
20-May-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Input
Forward Current
IF
50
mA
Reverse Voltage
VR
6
V
Power Dissipation
P
70
mW
Output
Collector-Emitter Voltage
VCEO
70
V
Emitter-Collector Voltage
VECO
6
Collector Current
IC
50
mA
Collector Power Dissipation
PC
150
mW
Total Power Dissipation
Ptot
200
mW
Isolation Voltage
1
Viso
5000
V rms
Rated impulse isolation voltage
VIOTM
6000
V
Rated repetitive peak isolation voltage
VIORM
630
V
Operating Temperature
Topr
-30~100
°C
Storage Temperature
Tstg
-55~125
Soldering Temperature
2
Tsol
260
Note:
1. AC For minute, R.H.=40~60%, Isolation voltage shall be measured using the following method.
(1)
Short between anode and cathode on the primary side and between collector and emitter on the secondary side.
(2)
The isolation voltage tester with zero-cross circuit shall be used.
(3)
The waveform of applied voltage shall be a sine wave.
2. For 10 Seconds.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input
Forward Voltage
VF
-
1.2
1.4
V
IF=20mA
Reverse Current
IR
-
-
10
µA
VR=4V
Terminal Capacitance
Ct
-
30
250
pF
V=0, f=1KHz
Output
Collector Dark Current
ICEO
-
-
100
nA
VCE=20V, IF=0
Collector-Emitter
Breakdown Voltage
BVCEO
35
-
-
V
IC=0.1mA, IF=0
Emitter-Collector
Breakdown Voltage
BVECO
6
-
-
V
IE=10µA, IF=0
TRANSFER
CHARACTERISTICS
Collector Current
IC
2.5
-
30
mA
VCE=5V, IF=5mA
Current Transfer Ratio
1
CTR
50
-
600
%
Collector-Emitter
Saturation Voltage
VCE(sat)
-
0.1
0.2
V
IF=20mA, IC=1mA
Isolation Resistance
RISO
5x10
10
1x10
11
-
DC500V, 40~60%R.H.
Floating Capacitance
CF
-
0.6
1
pF
V=0, f=1MHz
Cut-Off Frequency
fC
-
80
-
KHz
VCE=5V, IC=2mA,
RL=100 , -3dB
Response Time(Rise)
tr
-
4
18
µs
VCE=2V, IC=2mA RL=100
Response Time(Fall)
tf
-
3
18
µs
Note:
1.
CTR = IC / IF x 100%


Similar Part No. - BL817S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
   High Density Mounting Type Photocoupler
More results

Similar Description - BL817S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC829 SHARP-PC829 Datasheet
79Kb / 4P
   High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC818 SHARP-PC818 Datasheet
66Kb / 4P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
   High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV817 LITEON-LTV817 Datasheet
747Kb / 5P
   HIgh Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com