Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZD1386 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # CZD1386
Description  PNP Epitaxial Silicon Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

CZD1386 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  CZD1386 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH CZD1386 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
CZD1386
-5 A, -30 V
PNP Epitaxial Silicon Transistor
01-June-2002 Rev. A
Page 1 of 2
DESCRIPTION
The CZD1386 is designed for low frequency applications.
FEATURES
Low VCE(sat) = -0.55V(Typ.) (IC/IB = -4 A/ -0.1 A)
Excellent DC current gain characteristics
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-30
V
Collector to Emitter Voltage
VCEO
-20
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current
IC
-5
A
*Collector Current (Pulse)
IC
-10
A
Total Power Dissipation
Pc
20
W
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
CHARACTERISTICS at Ta = 25°C
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-30
-
-
V
IC=-50uA
BVCEO
-20
-
-
V
IC=-1mA
BVEBO
-6
-
-
V
IE=-50uA
ICBO
-
-
-500
nA
VCB=-20V
IEBO
-
-
-500
nA
VEB=-5V
*VCE(sat)
-
-
-1
mV
IC=-4A, IB=-0.1mA
*hFE
82
-
580
VCE=-2V, IC=-0.5mA
fT
-
120
-
MHz
VCE=-6V, IE=50mA, f=30MHz
Cob
-
60
-
pF
VCB=-20V, IE=0, f=1MHz
* Pulse Test: Pulse Width≦380μs, Duty Cycle≦2%
CLASSIFICATION OF hFE1
Rank
P
Q
R
E
Range
82 - 180
120 - 270
180 - 390
370 - 580
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.40
3.00
K
0
0.15
E
2.30 Ref.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20


Similar Part No. - CZD1386

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
CZD1386 SECOS-CZD1386_15 Datasheet
379Kb / 2P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - CZD1386

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com