Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D10SB80 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # D10SB80
Description  Molding Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

D10SB80 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  D10SB80 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH D10SB80 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D10SB10 ~ D10SB100
100 V ~ 1000 V
10.0 Amp High Current Glass Passivated
Molding Single-Phase Bridge Rectifier
Elektronische Bauelemente
06-Aug-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Plastic Package has Underwriters
Laboratory Flammability Classification 94V-0
This Series is UL listed under the Recognized Component index,
file number E231047
Single-in-line package
High current capacity with small package
Superior thermal conductivity
High temperature soldering guaranted:
260°C / 10 seconds
High IFSM
MAXIMUM RATINGS (TA=25℃ unless otherwise noted)
PARAMETERS
SYMBOL
PART NUMBERS
UNITS
D10SB
10
D10SB
20
D10SB
40
D10SB
60
D10SB
80
D10SB
100
RBV
1002S
RBV
803S
RBV
804S
RBV
805S
RBV
806S
RBV
1007S
Maximum repetitive voltage
VRM
100
200
400
600
800
1000
V
Maximum DC reverse current at
rated DC blocking voltage
@TA=25°C
IR
10
A
@TA=125°C
500
Average rectified forward
current 60Hz Sine wave
Resistance load
@TC=100°C
IO
10
(1)
A
@TA=25°C
3.4
(2)
Peak Forward Surge Current 10ms single half
sine-wave superimposed on rated load
IFSM
200
A
Maximum Instantaneous
Forward Voltage @ 3.0A
VF
1.1
V
Dielectric strength terminals to case,
AC 1 minute Current 1mA
Vdia
2.5
KV
Maximum thermal
Resistance per leg
on P.C.B without heat-sink
RθJA
22
(2)
°C / W
on AI plate heat-sink
RθJC
3.4
(1)
Operating and Storage Temperature Range
TJ , TSTG
150 , -40 ~ 150
°C
Mounting torque
Tor
Rating Torque:0.8N.m
N.m
Notes:
(1) Unit case mounted on AI plate heat-sink
(2) Unites mounted on P.C.B. without heat-sink
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat
transfer with #6 screw {heat-sink size:10.5 * 8.2 * 0.3cm}
D5-25SB
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
29.7
30.3
K
2.6
2.8
B
19.7
20.3
L
7.3
7.7
C4.4
4.8
N2.3
2.7
D
17.0
18.0
P
0.9
1.1
E
0.6
0.8
O
2.0
2.4
G
5 REF.
R
3 X 45°
J
3.4
3.8
S
9.8
10.2
F
3.3
3.7
H
10.8
11.2
G
M
L
S
L
O
N
R
P
B
H
F
J
C
K
E
D
A


Similar Part No. - D10SB80

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
D10SB80 SSE-D10SB80 Datasheet
16Kb / 1P
   SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
Leshan Radio Company
D10SB80 LRC-D10SB80 Datasheet
60Kb / 2P
   10A(SIP) BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
D10SB80 DACHANG-D10SB80 Datasheet
134Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 10A
logo
Leshan Radio Company
D10SB80 LRC-D10SB80 Datasheet
243Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Rugao Dachang Electroni...
D10SB80 DACHANG-D10SB80 Datasheet
134Kb / 2P
   Single-phase Silicon Bridge Rectifier
More results

Similar Description - D10SB80

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D5SB10 SECOS-D5SB10 Datasheet
392Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU15B SECOS-GBU15B Datasheet
373Kb / 2P
   Molding Single-Phase Bridge Rectifier
D4SB10 SECOS-D4SB10 Datasheet
332Kb / 2P
   Molding Single-Phase Bridge Rectifier
D20SB10 SECOS-D20SB10 Datasheet
398Kb / 2P
   Molding Single-Phase Bridge Rectifier
D3SB10 SECOS-D3SB10 Datasheet
478Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU6A SECOS-GBU6A Datasheet
201Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU10B SECOS-GBU10B Datasheet
330Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU25005 SECOS-GBU25005 Datasheet
273Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBPC3501 SECOS-GBPC3501 Datasheet
345Kb / 2P
   Molding Single-Phase Bridge Rectifier
D15SB10 SECOS-D15SB10 Datasheet
516Kb / 2P
   Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com