Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBV2007S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # RBV2007S
Description  Molding Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

RBV2007S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  RBV2007S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH RBV2007S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D20SB10 ~ D20SB100
100 V ~ 1000 V
20.0 Amp High Current Glass Passivated
Molding Single-Phase Bridge Rectifier
Elektronische Bauelemente
06-Aug-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Plastic Package has Underwriters
Laboratory Flammability Classification 94V-0
This Series is UL listed under the Recognized Component index,
file number E231047
Single-in-line package
High current capacity with small package
Superior thermal conductivity
High temperature soldering guaranted:
260°C / 10 seconds
High IFSM
MAXIMUM RATINGS (TA=25℃ unless otherwise noted)
PARAMETERS
SYMBOL
PART NUMBERS
UNITS
D20SB
10
D20SB
20
D20SB
40
D20SB
60
D20SB
80
D20SB
100
RBV
2002S
RBV
2003S
RBV
2004S
RBV
2005S
RBV
2006S
RBV
2007S
Maximum repetitive voltage
VRM
100
200
400
600
800
1000
V
Maximum DC reverse current at
rated DC blocking voltage
@TA=25°C
IR
10
A
@TA=125°C
500
Average rectified forward
current 60Hz Sine wave
Resistance load
@TC=87°C
IO
20
(1)
A
@TA=25°C
3.5
(2)
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
IFSM
300
A
Maximum Instantaneous
Forward Voltage @ 10.0A
VF
1.1
V
Dielectric strength terminals to case,
AC 1 minute Current 1mA
Vdia
2.5
KV
Maximum thermal
Resistance per leg
on P.C.B without heat-sink
RθJA
22
(2)
°C / W
on AI plate heat-sink
RθJC
1.5
(1)
Operating and Storage Temperature Range
TJ , TSTG
150 , -40 ~ 150
°C
Mounting torque
Tor
Rating Torque:0.8N.m
N.m
Notes:
(1) Unit case mounted on AI plate heat-sink
(2) Unites mounted on P.C.B. without heat-sink
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat
transfer with #6 screw {heat-sink size:12.7 * 10.2 * 7.6cm}
D5-25SB
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
29.7
30.3
K
2.6
2.8
B
19.7
20.3
L
7.3
7.7
C4.4
4.8
N2.3
2.7
D
17.0
18.0
P
0.9
1.1
E
0.6
0.8
O
2.0
2.4
G
5 REF.
R
3 X 45°
J
3.4
3.8
S
9.8
10.2
F
3.3
3.7
H
10.8
11.2
G
M
L
S
L
O
N
R
P
B
H
F
J
C
K
E
D
A


Similar Part No. - RBV2007S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RBV2500 EIC-RBV2500 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
SynSemi, Inc.
RBV2500 SYNSEMI-RBV2500 Datasheet
41Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
RBV2500 EIC-RBV2500 Datasheet
49Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
RBV2500 NJSEMI-RBV2500 Datasheet
157Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
RBV2500 EIC-RBV2500 Datasheet
399Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 07:December 15, 2017
More results

Similar Description - RBV2007S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D5SB10 SECOS-D5SB10 Datasheet
392Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU15B SECOS-GBU15B Datasheet
373Kb / 2P
   Molding Single-Phase Bridge Rectifier
D4SB10 SECOS-D4SB10 Datasheet
332Kb / 2P
   Molding Single-Phase Bridge Rectifier
D3SB10 SECOS-D3SB10 Datasheet
478Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU6A SECOS-GBU6A Datasheet
201Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU10B SECOS-GBU10B Datasheet
330Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU25005 SECOS-GBU25005 Datasheet
273Kb / 2P
   Molding Single-Phase Bridge Rectifier
D10SB10 SECOS-D10SB10 Datasheet
392Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBPC3501 SECOS-GBPC3501 Datasheet
345Kb / 2P
   Molding Single-Phase Bridge Rectifier
D15SB10 SECOS-D15SB10 Datasheet
516Kb / 2P
   Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com