Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8162 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8162
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8162 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8162 Datasheet HTML 6Page - Texas Instruments DAC8162 Datasheet HTML 7Page - Texas Instruments DAC8162 Datasheet HTML 8Page - Texas Instruments DAC8162 Datasheet HTML 9Page - Texas Instruments DAC8162 Datasheet HTML 10Page - Texas Instruments DAC8162 Datasheet HTML 11Page - Texas Instruments DAC8162 Datasheet HTML 12Page - Texas Instruments DAC8162 Datasheet HTML 13Page - Texas Instruments DAC8162 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
www.ti.com
Table 5. Typical Characteristics: DAC Dynamic Performance
POWER-SUPPLY
MEASUREMENT
FIGURE NUMBER
VOLTAGE
CHANNEL-TO-CHANNEL CROSSTALK
5-V Rising Edge
Figure 43
Channel-to-Channel Crosstalk
5.5 V
5-V Falling Edge
Figure 44
CLOCK FEEDTHROUGH
5.5 V
Figure 48
Clock Feedthrough
500 kHz, Midscale
2.7 V
Figure 87
GLITCH ENERGY
Rising Edge, Code 7FFFh to 8000h
Figure 37
Glitch Energy, 1-LSB Step
Falling Edge, Code 8000h to 7FFFh
Figure 38
Rising Edge, Code 7FFCh to 8000h
Figure 39
Glitch Energy, 4-LSB Step
5.5 V
Falling Edge, Code 8000h to 7FFCh
Figure 40
Rising Edge, Code 7FF0h to 8000h
Figure 41
Glitch Energy, 16-LSB Step
Falling Edge, Code 8000h to 7FF0h
Figure 42
Rising Edge, Code 7FFFh to 8000h
Figure 79
Glitch Energy, 1-LSB Step
Falling Edge, Code 8000h to 7FFFh
Figure 80
Rising Edge, Code 7FFCh to 8000h
Figure 81
Glitch Energy, 4-LSB Step
2.7 V
Falling Edge, Code 8000h to 7FFCh
Figure 82
Rising Edge, Code 7FF0h to 8000h
Figure 83
Glitch Energy, 16-LSB Step
Falling Edge, Code 8000h to 7FF0h
Figure 84
NOISE
External VREF
Figure 45
DAC Output Noise Density vs
Frequency
Internal VREF
5.5 V
Figure 46
DAC Output Noise 0.1 Hz to 10 Hz
External VREF
Figure 47
POWER-ON GLITCH
Reset to Zero Scale
Figure 35
5.5 V
Reset to Midscale
Figure 36
Power-on Glitch
Reset to Zero Scale
Figure 85
2.7 V
Reset to Midscale
Figure 86
SETTLING TIME
Rising Edge, Code 0h to FFFFh
Figure 31
Full-Scale Settling Time
Falling Edge, Code FFFFh to 0h
Figure 32
5.5 V
Rising Edge, Code 4000h to C000h
Figure 33
Half-Scale Settling Time
Falling Edge, Code C000h to 4000h
Figure 34
Rising Edge, Code 0h to FFFFh
Figure 75
Full-Scale Settling Time
Falling Edge, Code FFFFh to 0h
Figure 76
2.7 V
Rising Edge, Code 4000h to C000h
Figure 77
Half-Scale Settling Time
Falling Edge, Code C000h to 4000h
Figure 78
10
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563


Similar Part No. - DAC8162

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8162 TI-DAC8162 Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8162-Q1 TI1-DAC8162-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power, Buffered, Voltage-Output DACs
DAC8162SDGSR TI1-DAC8162SDGSR Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8162SDGSR TI1-DAC8162SDGSR Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
DAC8162SDGST TI1-DAC8162SDGST Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
More results

Similar Description - DAC8162

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8551-Q1 TI1-DAC8551-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com