Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F28M35H22C1RFPS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # F28M35H22C1RFPS
Description  Concerto Microcontrollers Embedded Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35H22C1RFPS Datasheet(HTML) 10 Page - Texas Instruments

Back Button F28M35H22C1RFPS Datasheet HTML 6Page - Texas Instruments F28M35H22C1RFPS Datasheet HTML 7Page - Texas Instruments F28M35H22C1RFPS Datasheet HTML 8Page - Texas Instruments F28M35H22C1RFPS Datasheet HTML 9Page - Texas Instruments F28M35H22C1RFPS Datasheet HTML 10Page - Texas Instruments F28M35H22C1RFPS Datasheet HTML 11Page - Texas Instruments F28M35H22C1RFPS Datasheet HTML 12Page - Texas Instruments F28M35H22C1RFPS Datasheet HTML 13Page - Texas Instruments F28M35H22C1RFPS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
F28M35H20B1, F28M35H20C1
F28M35H22B1, F28M35H22C1, F28M35H32B1, F28M35H32C1
F28M35H50B1, F28M35H50C1, F28M35H52B1, F28M35H52C1
SPRS742
– JUNE 2011
www.ti.com
Table 3-1. Terminal Functions(1) (continued)
TERMINAL
I/O/Z
DESCRIPTION
RFP
NAME
PIN #
ADC2INA7
127
I
ADC2 Group A, Channel 7 input
ADC2INB0
136
I
ADC2 Group B, Channel 0 input
ADC2INB3
137
I
ADC2 Group B, Channel 3 input
ADC2INB4
138
I
ADC2 Group B, Channel 4 input
COMPB5
I
Comparator Input B5
AIO28
I/O
Digital AIO28
ADC2INB7
139
I
ADC2 Group B, Channel 7 input
Analog Comparator Results (Digital) and GPIO Group 2 (C28x Access Only)
GPIO128
140
I/O
General-purpose input/output 128
GPIO129
141
I/O
General-purpose input/output 129
COMP1OUT
O
Compare result from Analog Comparator 1
GPIO130
142
I/O
General-purpose input/output 130
COMP6OUT
O
Compare result from Analog Comparator 6
GPIO131
143
I/O
General-purpose input/output 131
COMP2OUT
O
Compare result from Analog Comparator 2
GPIO132
112
I/O
General-purpose input/output 132
COMP3OUT
O
Compare result from Analog Comparator 3
GPIO133
111
I/O
General-purpose input/output 133
COMP4OUT
O
Compare result from Analog Comparator 4
GPIO134
110
I/O
General-purpose input/output 134
GPIO135
109
I/O
General-purpose input/output 135
COMP5OUT
O
Compare result from Analog Comparator 5
GPIO Group 1 and Peripheral Signals
PA0_GPIO0
5
I/O/Z
General-purpose input/output 0
M3_U0RX
I
UART-0 receive data
M3_I2C1SCL
I/OD
I2C-1 clock open-drain bidirectional port
M3_U1RX
I
UART-1 receive data
C28_EPWM1A
O
Enhanced PWM-1 output A
PA1_GPIO1
6
I/O/Z
General-purpose input/output 1
M3_U0TX
O
UART-0 transmit data
M3_I2C1SDA
I/OD
I2C-1 data open-drain bidirectional port
M3_U1TX
O
UART-1 data transmit
M3_SSI1FSS
I/O
SSI-1 frame
C28_EPWM1B
O
Enhanced PWM-1 output B
C28_ECAP6
I/O
Enhanced Capture-6 input/output
PA2_GPIO2
7
I/O/Z
General-purpose input/output 2
M3_SSI0CLK
I/O
SSI-0 clock
M3_MIITXD2
O
EMAC MII transmit data bit 2
M3_U1CTS
I
UART-1 clear-to-send modem status
C28_EPWM2A
O
Enhanced PWM-2 output A
10
Device Pins
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - F28M35H22C1RFPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H22C1RFPS TI1-F28M35H22C1RFPS Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H22C1RFPS TI1-F28M35H22C1RFPS Datasheet
2Mb / 235P
[Old version datasheet]   Microcontrollers
F28M35H22C1RFPS TI1-F28M35H22C1RFPS Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M35H22C1RFPS TI-F28M35H22C1RFPS Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
More results

Similar Description - F28M35H22C1RFPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
logo
STMicroelectronics
PM0075 STMICROELECTRONICS-PM0075 Datasheet
302Kb / 31P
   STM32F10xxx Flash memory microcontrollers
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com