Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F28M35H50C1RFPS Datasheet(PDF) 7 Page - Texas Instruments

Part # F28M35H50C1RFPS
Description  Concerto Microcontrollers Embedded Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35H50C1RFPS Datasheet(HTML) 7 Page - Texas Instruments

Back Button F28M35H50C1RFPS Datasheet HTML 3Page - Texas Instruments F28M35H50C1RFPS Datasheet HTML 4Page - Texas Instruments F28M35H50C1RFPS Datasheet HTML 5Page - Texas Instruments F28M35H50C1RFPS Datasheet HTML 6Page - Texas Instruments F28M35H50C1RFPS Datasheet HTML 7Page - Texas Instruments F28M35H50C1RFPS Datasheet HTML 8Page - Texas Instruments F28M35H50C1RFPS Datasheet HTML 9Page - Texas Instruments F28M35H50C1RFPS Datasheet HTML 10Page - Texas Instruments F28M35H50C1RFPS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
F28M35H20B1, F28M35H20C1
F28M35H22B1, F28M35H22C1, F28M35H32B1, F28M35H32C1
F28M35H50B1, F28M35H50C1, F28M35H52B1, F28M35H52C1
www.ti.com
SPRS742
– JUNE 2011
Table 2-1. Hardware Features (continued)
FEATURE
TYPE
(1)
H20B1
H20C1
H22B1
H22C1
H32B1
H32C1
H50B1
H50C1
H52B1
H52C1
Inter-integrated circuit (I2C)
0
1
1
1
1
1
1
1
1
1
1
Direct Memory Access (DMA)
0
6-ch
6-ch
6-ch
6-ch
6-ch
6-ch
6-ch
6-ch
6-ch
6-ch
32-Bit Timers
3
3
3
3
3
3
3
3
3
3
Shared
Supplemental RAM (KB)
0
0
64
64
64
64
0
0
64
64
MSPS
2.88
2.88
2.88
2.88
2.88
2.88
2.88
2.88
2.88
2.88
Conversion Time
350 ns
350 ns
350 ns
350 ns
350 ns
350 ns
350 ns
350 ns
350 ns
350 ns
12-Bit ADC 1
Channels
3
10
10
10
10
10
10
10
10
10
10
Temperature Sensor
1
1
1
1
1
1
1
1
1
1
Sample-and-Hold (S/H)
2
2
2
2
2
2
2
2
2
2
MSPS
2.88
2.88
2.88
2.88
2.88
2.88
2.88
2.88
2.88
2.88
Conversion Time
350 ns
350 ns
350 ns
350 ns
350 ns
350 ns
350 ns
350 ns
350 ns
350 ns
12-Bit ADC 2
3
Channels
10
10
10
10
10
10
10
10
10
10
Sample-and-Hold (S/H)
2
2
2
2
2
2
2
2
2
2
Comparators with Integrated DACs
0
6
6
6
6
6
6
6
6
6
6
Voltage Regulator and Monitor
3.3-V Single Supply (3.3-V/1.2-V recommended for 125
ºC)
Clocking
4
–20 MHz input, Clock fail or out-of-specification, 10-MHz/32-kHz Limp Mode
Additional Safety
Host Subsystem
2 Watchdogs, NMI Watchdog: CPU, Memory
Control Subsystem
NMI Watchdog: CPU, Memory
Shared
Critical Register and I/O Function Lock Protection; RAM Fetch Protection
Packaging
144-Pin RFP PowerPAD
Package Type
Available at Prototype Sampling
HTQFP
T:
–40°C to 105°C
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Temperature options
S:
–40°C to 125°C
No 125
ºC for ENET/USB
Q:
–40°C to 125°C
(1)
No 125
ºC for ENET/USB
Product status
(2)
TMX
TMX
TMX
TMX
TMX
TMX
TMX
TMX
TMX
TMX
(1)
"Q" refers to Q100 qualification for automotive applications.
(2)
The
"TMX" product status denotes an experimental device that is not necessarily representative of the final device's electrical specifications.
Copyright
© 2011, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback


Similar Part No. - F28M35H50C1RFPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H50C1RFPS TI1-F28M35H50C1RFPS Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H50C1RFPS TI1-F28M35H50C1RFPS Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
More results

Similar Description - F28M35H50C1RFPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
logo
STMicroelectronics
PM0075 STMICROELECTRONICS-PM0075 Datasheet
302Kb / 31P
   STM32F10xxx Flash memory microcontrollers
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com