Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP130SSRGZT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP130SSRGZT
Description  DisplayPort1:1 Re-Driver with Link Training
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP130SSRGZT Datasheet(HTML) 2 Page - Texas Instruments

  SN75DP130SSRGZT Datasheet HTML 1Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 2Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 3Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 4Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 5Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 6Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 7Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 8Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
DP++ MultiModeSourceSideRe-driver; GPUw/ UnifiedDDC & AUXOutputs;
AUX & DDCInternalMuxUtilized; AUXChannelMonitoredforLink Training
HPD
AUXSRC-
AUXSRC+
DDC
GPU
MAIN[3:0]
IN[3:0]
4 diff
4 diff
OUT[3:0]
HPD_SRC
HPD_SNK
AUXSNK-
AUXSNK+
CAD_SNK
SN75DP130
1M
OptionalI2Cinterfacemaybeusedtofully
configureoutputsignalconditioningand
EQsettings. 10kW resistorsare
recommendedforRI2C.
100kW
100kW
3.3V
100kWresistorsshallbeplacedonthe AUXSNKsideto
ensureproperdeviceinternalchannelbiasing, andto
ensurethesinkdeviceidentifiesthesourceduringpower
downconditions.
SCL_CTL
SDA_CTL
I
2C
R
I2C
R
I2C
3.3V
AUX
DDC
DP++ MultiModeSourceSideRe-driver; GPUw/ SeparateDDC & AUXOutputs;
AUX & DDCInternalMuxUtilized; AUXChannelMonitoredforLink Training
AUX
HPD
GPU
MAIN[3:0]
4 diff
DDC
R
DDC
R
DDC
3.3V
I
2C
R
I2C
R
I2C
3.3V
AUXSRC-
AUXSRC+
DDC
IN[3:0]
4 diff
OUT[3:0]
HPD_SRC
HPD_SNK
AUXSNK-
AUXSNK+
CAD_SNK
SN75DP130
1M
100kW
100kW
3.3V
100kWresistorsshallbeplacedonthe AUXSNKsideto
ensureproperdeviceinternalchannelbiasing, andto
ensurethesinkdeviceidentifiesthesourceduringpower
downconditions.
SCL_CTL
SDA_CTL
TheuseofRDDC isoptional. TheSN75DP130
integrates 60kWpullupsandacableadapter
shouldinclude 2kWpullupforeachline. Ifitis
uncertainifthecableadapterincludes 2kW
pullupresistance, use 10kWforRDDC.
OptionalI2Cinterfacemaybeusedto
fullyconfigureoutputsignal
conditioningandEQsettings. 10kW
resistorsarerecommendedforRI2C.
SN75DP130
SLLSE57
– APRIL 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TYPICAL IMPLEMENTATIONS
The configuration shown in Figure 1 supports a GPU with unified AUX/DDC interfaces. This circuit provides back
current protection into the GPU AUX, HPD, and CAD inputs.
Figure 1. DP++ Dual-Mode in a Unified AUX/DDC Configuration
The configuration shown in Figure 2 supports a GPU with separate DDC and AUX interfaces, and overcomes the
need for an external AUX to DDC switch. This circuit provides back current protection into the GPU AUX, HPD,
and CAD inputs.
Figure 2. DP++ Dual-Mode in a Split AUX and DDC Configuration
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): SN75DP130


Similar Part No. - SN75DP130SSRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP139 TI-SN75DP139 Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP139 TI1-SN75DP139 Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP139RGZR TI-SN75DP139RGZR Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP139RGZR TI1-SN75DP139RGZR Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP139RGZT TI-SN75DP139RGZT Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
More results

Similar Description - SN75DP130SSRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
logo
Kinetic Technologies.
MCDP6150 KINETIC-MCDP6150 Datasheet
220Kb / 5P
   DisplayPort 1.4a Link Training Tunable PHY Retimer
June 2021 - Revision 03g
logo
Pericom Semiconductor C...
PI2EQX3431 PERICOM-PI2EQX3431 Datasheet
440Kb / 5P
   3.2Gbps, 1-port, SATA2/SAS Re-Driver
logo
Texas Instruments
TVB1440 TI1-TVB1440 Datasheet
1Mb / 30P
[Old version datasheet]   4-Channel Video Re-Driver with Equalization
logo
California Eastern Labs
THCX222R05 CEL-THCX222R05 Datasheet
288Kb / 11P
   High Performance Re-driver with Linear Equalization
THCX222R10 CEL-THCX222R10 Datasheet
197Kb / 12P
   High Performance Re-driver with Linear Equalization
logo
Melexis Microelectronic...
MLX10407 MELEXIS-MLX10407_14 Datasheet
172Kb / 10P
   ACTUATOR DRIVER WITH SERIAL LINK
MLX10407 MELEXIS-MLX10407 Datasheet
172Kb / 10P
   ACTUATOR DRIVER WITH SERIAL LINK
logo
Rosenberger Hochfrequen...
99M007-000 ROSENBERGER-99M007-000 Datasheet
87Kb / 1P
   Training Kit
logo
Semtech Corporation
GS3281 SEMTECH-GS3281 Datasheet
3Mb / 97P
   3G-SDI Re-timing Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com