Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP130SSRGZT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP130SSRGZT
Description  DisplayPort1:1 Re-Driver with Link Training
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP130SSRGZT Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75DP130SSRGZT Datasheet HTML 5Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 6Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 7Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 8Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 9Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 10Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 11Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 12Page - Texas Instruments SN75DP130SSRGZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Driver
VIterm
50 W
50 W
Receiver
D+
D-
VD+
VD-
VID
VICM = (VD+ + VD-)
Y
Z
VY
VZ
VOD = VY - VZ
100pF
100pF
0V to 2V
50 W
50 W
VID = VD+ - VD-
2
VOCM = (VY + VZ)
2
VOCM
DVOCM(ss)
VOCM(pp)
D+
D-
0V
20%
tF
tR
80%
0%
100%
VOD
SN75DP130
www.ti.com
SLLSE57
– APRIL 2011
MAIN LINK ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AEQ(HBR)
Equalizer gain for RBR/HBR
9
dB
See Table 5 and Table 8 for EQ setting details;
AEQ(HBR2)
Equalizer gain for HBR2
18
dB
Max value represents the typical value for the
maximum configurable EQ setting
AEQ(TMDS)
Equalizer gain for TMDS
3
dB
ROUT
Driver output impedance
50
Ω
RIN
Input termination impedance
40
50
60
Ω
VIterm
Input termination voltage
AC coupled; self-biased
0
2
V
Steady state output
VOCM(SS)
0
2
V
common-mode voltage
Change in steady state output
ΔVOCM(SS)
common-mode voltage between
Tested in compliance to section 3.10 in CTS 1.1a
10
mVPP
logic levels
20
mVRMS
VOCM(PP)
Output common-mode noise
HBR2
30
mVRMS
VSQUELCH
Squelch threshold voltage
Programable via I2C; default at 80mVpp typical
80
mVPP
ITXSHORT
Short circuit current limit
Main Link outputs shorted to GND
50
mA
MAIN LINK SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPD
Propagation delay time
See Figure 5
300
ps
tSK(1)
Intra-pair output skew
Signal input skew = 0ps; dR = 2.7Gbps, VPRE = 0dB,
20
ps
800mVp-p, D10.2 clock pattern at device input; See
tSK(2)
Inter-pair output skew
100
ps
Figure 6
VOD(L0); VPRE(L0); EQ = 8dB; clean source; minimum input
Δtjit
Total peak-to-peak residual jitter and output cabling; 1.62Gbps, 2.7Gbps, and 5.4Gbps
15
ps
PRBS7 data pattern.
Time from active DP signal turned off to ML output off with
tsq_enter
Squelch entry time
10
120
μs
noise floor minimized
tsq_exit
Squelch exit time
Time from DP signal on to ML output on
0
1
μs
Figure 5. Main Link Test Circuit
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN75DP130


Similar Part No. - SN75DP130SSRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP139 TI-SN75DP139 Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP139 TI1-SN75DP139 Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP139RGZR TI-SN75DP139RGZR Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP139RGZR TI1-SN75DP139RGZR Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP139RGZT TI-SN75DP139RGZT Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
More results

Similar Description - SN75DP130SSRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
logo
Kinetic Technologies.
MCDP6150 KINETIC-MCDP6150 Datasheet
220Kb / 5P
   DisplayPort 1.4a Link Training Tunable PHY Retimer
June 2021 - Revision 03g
logo
Pericom Semiconductor C...
PI2EQX3431 PERICOM-PI2EQX3431 Datasheet
440Kb / 5P
   3.2Gbps, 1-port, SATA2/SAS Re-Driver
logo
Texas Instruments
TVB1440 TI1-TVB1440 Datasheet
1Mb / 30P
[Old version datasheet]   4-Channel Video Re-Driver with Equalization
logo
California Eastern Labs
THCX222R05 CEL-THCX222R05 Datasheet
288Kb / 11P
   High Performance Re-driver with Linear Equalization
THCX222R10 CEL-THCX222R10 Datasheet
197Kb / 12P
   High Performance Re-driver with Linear Equalization
logo
Melexis Microelectronic...
MLX10407 MELEXIS-MLX10407_14 Datasheet
172Kb / 10P
   ACTUATOR DRIVER WITH SERIAL LINK
MLX10407 MELEXIS-MLX10407 Datasheet
172Kb / 10P
   ACTUATOR DRIVER WITH SERIAL LINK
logo
Rosenberger Hochfrequen...
99M007-000 ROSENBERGER-99M007-000 Datasheet
87Kb / 1P
   Training Kit
logo
Semtech Corporation
GS3281 SEMTECH-GS3281 Datasheet
3Mb / 97P
   3G-SDI Re-timing Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com