Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5631BPHD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5631BPHD
Description  300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5631BPHD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5631BPHD Datasheet HTML 4Page - Texas Instruments TAS5631BPHD Datasheet HTML 5Page - Texas Instruments TAS5631BPHD Datasheet HTML 6Page - Texas Instruments TAS5631BPHD Datasheet HTML 7Page - Texas Instruments TAS5631BPHD Datasheet HTML 8Page - Texas Instruments TAS5631BPHD Datasheet HTML 9Page - Texas Instruments TAS5631BPHD Datasheet HTML 10Page - Texas Instruments TAS5631BPHD Datasheet HTML 11Page - Texas Instruments TAS5631BPHD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TAS5631B
SLES263 – NOVEMBER 2010
www.ti.com
AUDIO CHARACTERISTICS (BTL)
Audio performance is recorded as a chipset consisting of a TAS5518 PWM processor (modulation index limited to 97.7%)
and a TAS5631B power stage. PCB and system configurations are in accordance with recommended guidelines. Audio
frequency = 1 kHz, PVDD_X = 50 V, GVDD_X = 12 V, RL = 4 Ω, fS = 384 kHz, ROC = 22 kΩ, TC = 75°C;
output filter: LDEM = 7 mH, CDEM = 680 nF, MODE = 000, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
RL = 4 Ω, 10% THD+N, clipped input signal
300
RL = 6 Ω, 10% THD+N, clipped input signal
210
RL = 8 Ω, 10% THD+N, clipped input signal
160
PO
Power output per channel
W
RL = 4 Ω, 1% THD+N, unclipped input signal
240
RL = 6 Ω, 1% THD+N, unclipped input signal
160
RL = 8 Ω, 1% THD+N, unclipped input signal
125
THD+N
Total harmonic distortion + noise
1 W
0.03%
Vn
Output integrated noise
A-weighted, TAS5518 modulator
180
mV
|VOS|
Output offset voltage
No signal
20
50
mV
SNR
Signal-to-noise ratio(1)
A-weighted, TAS5518 modulator
103
dB
A-weighted, input level –60 dBFS using TAS5518
DNR
Dynamic range
103
dB
modulator
Power dissipation due to idle losses
Pidle
PO = 0, four channels switching
(2)
3.9
W
(IPVDD_X)
(1)
SNR is calculated relative to 1% THD-N output level.
(2)
Actual system idle losses also are affected by core losses of output inductors.
AUDIO SPECIFICATION (Single-Ended Output)
Audio performance is recorded as a chipset consisting of a TAS5086 PWM processor (modulation index limited to 97.7%)
and a TAS5631B power stage. PCB and system configurations are in accordance with recommended guidelines. Audio
frequency = 1 kHz, PVDD_X = 50 V, GVDD_X = 12 V, RL = 2 Ω, fS = 384 kHz, ROC = 22 kΩ, TC = 75°C;
output filter: LDEM = 7 mH, CDEM = 470 nF, MODE = 100, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
RL = 2 Ω, 10%, THD+N, clipped input signal
145
RL = 3 Ω, 10%, THD+N, clipped input signal
100
RL = 4 Ω, 10%, THD+N, clipped input signal
75
PO
Power output per channel
W
RL = 2 Ω, 1% THD+N, unclipped input signal
110
RL = 3 Ω, 1% THD+N, unclipped input signal
75
RL = 4 Ω, 1% THD+N, unclipped input signal
55
THD+N
Total harmonic distortion + noise
1 W
0.04%
Vn
Output integrated noise
A-weighted, TAS5086 modulator
140
mV
SNR
Signal-to-noise ratio(1)
A-weighted, TAS5086 modulator
100
dB
A-weighted, input level –60 dBFS using TAS5086
DNR
Dynamic range
100
dB
modulator
Pidle
Power dissipation due to idle losses (IPVDD_X) PO = 0, 4 channels switching
(2)
3
W
(1)
SNR is calculated relative to 1% THD-N output level.
(2)
Actual system idle losses are affected by core losses of output inductors.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5631B


Similar Part No. - TAS5631BPHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5631B TI-TAS5631B_15 Datasheet
1Mb / 35P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results

Similar Description - TAS5631BPHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI1-TAS5631_14 Datasheet
1Mb / 36P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI1-TAS5630_10 Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5616 TI-TAS5616 Datasheet
1Mb / 33P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631B TI-TAS5631B_15 Datasheet
1Mb / 35P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BDKDR TI-TAS5630BDKDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com