Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT60GL120JU2 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT60GL120JU2
Description  ISOTOP짰 Boost chopper Trench Field Stop IGBT4 Power module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT60GL120JU2 Datasheet(HTML) 1 Page - Microsemi Corporation

  APT60GL120JU2_10 Datasheet HTML 1Page - Microsemi Corporation APT60GL120JU2_10 Datasheet HTML 2Page - Microsemi Corporation APT60GL120JU2_10 Datasheet HTML 3Page - Microsemi Corporation APT60GL120JU2_10 Datasheet HTML 4Page - Microsemi Corporation APT60GL120JU2_10 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APT60GL120JU2
www.microsemi.com
1- 5
Application
AC and DC motor control
Switched Mode Power Supplies
Power Factor Correction
Brake switch
Features
Trench + Field Stop IGBT 4 Technology
-
Low voltage drop
-
Low leakage current
-
Low switching losses
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
RBSOA and SCSOA rated
ISOTOP® Package (SOT-227)
Very low stray inductance
High level of integration
Benefits
Low conduction losses
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
RoHS Compliant
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC = 25°C
80
IC
Continuous Collector Current
TC = 80°C
60
ICM
Pulsed Collector Current
TC = 25°C
100
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
280
W
RBSOA Reverse Bias Safe Operating Area
Tj = 150°C
100A @ 1100V
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
K
E
C
G
ISOTOP
®
VCES = 1200V
IC = 60A @ Tc = 80°C
ISOTOP
® Boost chopper
Trench + Field Stop IGBT4
Power module
K
C
G
E


Similar Part No. - APT60GL120JU2_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT60GL120JU2 MICROSEMI-APT60GL120JU2 Datasheet
179Kb / 5P
   ISOTOP짰 Boost chopper Trench Field Stop IGBT4 Power module
More results

Similar Description - APT60GL120JU2_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT60GL120JU2 MICROSEMI-APT60GL120JU2 Datasheet
179Kb / 5P
   ISOTOP짰 Boost chopper Trench Field Stop IGBT4 Power module
APT40GL120JU3 MICROSEMI-APT40GL120JU3 Datasheet
179Kb / 5P
   ISOTOP짰 Buck chopper Trench Field Stop IGBT4 Power module
APTGL90DA120T1G MICROSEMI-APTGL90DA120T1G Datasheet
219Kb / 5P
   Boost chopper Trench Field Stop IGBT4 Power module
APTGL120DA120T1G MICROSEMI-APTGL120DA120T1G Datasheet
219Kb / 5P
   Boost chopper Trench Field Stop IGBT4 Power module
APTGL325DA120D3G MICROSEMI-APTGL325DA120D3G Datasheet
215Kb / 5P
   Boost chopper Trench Field Stop IGBT4 Power Module
APTGL475DA120D3G MICROSEMI-APTGL475DA120D3G Datasheet
216Kb / 5P
   Boost chopper Trench Field Stop IGBT4 Power Module
APTGL60DDA120T3G MICROSEMI-APTGL60DDA120T3G Datasheet
203Kb / 5P
   Dual Boost chopper Trench Field Stop IGBT4 Power module
APT40GL120JU2 MICROSEMI-APT40GL120JU2 Datasheet
180Kb / 5P
   ISOTOP Boost chopper Trench Field Stop IGBT4 Power module
APTGL90DDA120T3G MICROSEMI-APTGL90DDA120T3G Datasheet
208Kb / 5P
   Dual Boost chopper Trench Field Stop IGBT4 Power module
APTGL90SK120T1G MICROSEMI-APTGL90SK120T1G Datasheet
219Kb / 5P
   Buck chopper Trench Field Stop IGBT4 Power module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com