Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT77N60JC3 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT77N60JC3
Description  Super Junction MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT77N60JC3 Datasheet(HTML) 2 Page - Microsemi Corporation

  APT77N60JC3 Datasheet HTML 1Page - Microsemi Corporation APT77N60JC3 Datasheet HTML 2Page - Microsemi Corporation APT77N60JC3 Datasheet HTML 3Page - Microsemi Corporation APT77N60JC3 Datasheet HTML 4Page - Microsemi Corporation APT77N60JC3 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Turn-on Switching Energy 6
Turn-off Switching Energy
Turn-on Switching Energy 6
Turn-off Switching Energy
DYNAMIC CHARACTERISTICS
APT77N60JC3
1 Repetitive Rating: Pulse width limited by maximum junction
temperature
2 Pulse Test: Pulse width < 380 μs, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471
4 Starting T
j = +25°C, L = 36.0mH, RG = 25Ω, Peak IL = 10A
5 dv
/
dt numbers reflect the limitations of the test circuit rather than the
device itself. I
S -
I
D77A
di/
dt ≤ 700A/μs
V
R
V
DSS
T
J ≤ 150°C
6 Eon includes diode reverse recovery. See figures 18, 20.
7 Repetitve avalanche causes additional power losses that can be
calculated as
P
AV=EAR*f
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Characteristic / Test Conditions
Continuous Source Current (Body Diode)
Pulsed Source Current 1 (Body Diode)
Diode Forward Voltage 2 (V
GS = 0V, IS = -77A)
Reverse Recovery Time (I
S = -77A, dlS/dt = 100A/μs, VR = 350V)
Reverse Recovery Charge (I
S = -77A, dlS/dt = 100A/μs, VR = 350V)
Peak Diode Recovery dv/
dt
5
UNIT
Amps
Volts
ns
μC
V/ns
MIN
TYP
MAX
77
231
1
1.2
861
46
6
Symbol
R
θJC
R
θJA
MIN
TYP
MAX
0.22
40
UNIT
°C/W
Characteristic
Junction to Case
Junction to Ambient
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
dv/
dt
Symbol
C
iss
C
oss
C
rss
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
E
on
E
off
Test Conditions
V
GS = 0V
V
DS = 25V
f = 1 MHz
V
GS = 10V
V
DD = 300V
I
D = 77A @ 25°C
RESISTIVE SWITCHING
V
GS = 10V
V
DD = 380V
I
D = 77A @ 125°C
R
G = 0.9Ω
INDUCTIVE SWITCHING @ 25°C
V
DD = 400V, VGS = 15V
I
D = 77A, RG = 5Ω
INDUCTIVE SWITCHING @ 125°C
V
DD = 400V, VGS = 15V
I
D = 77A, RG = 5Ω
MIN
TYP
MAX
13600
4400
290
505
640
48
240
18
27
110
165
8
12
1670
2880
2300
3100
UNIT
pF
nC
ns
μJ
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
THERMAL CHARACTERISTICS
SINGLE PULSE
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.25
0.20
0.15
0.10
0.05
0
0.5
0.1
0.3
0.7
0.9
0.05
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:


Similar Part No. - APT77N60JC3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT77N60JC3 ADPOW-APT77N60JC3 Datasheet
180Kb / 5P
   Super Junction MOSFET
logo
Microsemi Corporation
APT77N60JC3 MICROSEMI-APT77N60JC3 Datasheet
263Kb / 5P
   Super Junction MOSFET
More results

Similar Description - APT77N60JC3

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE11N65 NCEPOWER-NCE11N65 Datasheet
614Kb / 9P
   Super Junction MOSFET
logo
Advanced Power Technolo...
APT11N80BC3 ADPOW-APT11N80BC3 Datasheet
162Kb / 5P
   Super Junction MOSFET
APT31N80JC3 ADPOW-APT31N80JC3 Datasheet
178Kb / 5P
   Super Junction MOSFET
logo
Microsemi Corporation
APT47N65BC3 MICROSEMI-APT47N65BC3 Datasheet
184Kb / 5P
   Super Junction MOSFET
APT60N60BCS MICROSEMI-APT60N60BCS Datasheet
224Kb / 5P
   Super Junction MOSFET
APT47N65SC3 MICROSEMI-APT47N65SC3 Datasheet
493Kb / 6P
   Super Junction MOSFET
Rev C 6-2014
APT34N80B2C3 MICROSEMI-APT34N80B2C3 Datasheet
256Kb / 5P
   Super Junction MOSFET
APT94N60L2C3 MICROSEMI-APT94N60L2C3 Datasheet
249Kb / 5P
   Super Junction MOSFET
logo
Advanced Power Technolo...
APT60N60BCS ADPOW-APT60N60BCS Datasheet
401Kb / 5P
   Super Junction MOSFET
APT20N60BC3 ADPOW-APT20N60BC3 Datasheet
200Kb / 5P
   Super Junction MOSFET
logo
Microsemi Corporation
APT36N90BC3G MICROSEMI-APT36N90BC3G Datasheet
142Kb / 5P
   Super Junction MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com