Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK10002 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10002
Description  10Gbps Dual-Channel Multi-Rate Transceiver
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK10002 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK10002 Datasheet HTML 7Page - Texas Instruments TLK10002 Datasheet HTML 8Page - Texas Instruments TLK10002 Datasheet HTML 9Page - Texas Instruments TLK10002 Datasheet HTML 10Page - Texas Instruments TLK10002 Datasheet HTML 11Page - Texas Instruments TLK10002 Datasheet HTML 12Page - Texas Instruments TLK10002 Datasheet HTML 13Page - Texas Instruments TLK10002 Datasheet HTML 14Page - Texas Instruments TLK10002 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
TLK10002
www.ti.com
SLLSE75
– MAY 2011
In the 1:1 mode, the data path supports non-8B/10B encoded data, e.g. PRBS.
In this mode, any registers related to lane 1, 2, or 3 are not used or do not apply. In addition, the following
registers do not apply:
1.11:8
9.8:4
C, D, 15(except 15.10), 16, 17, 18, 1D
F.14, F.10, F.8, F.3:2
Lane Alignment Scheme
Lower rate multi-lane serial signals per channel must be byte aligned and lane aligned such that high speed
multiplexing (proper reconstruction of higher rate signal) is possible. For that reason, the TLK10002 implements
a special lane alignment scheme on the low speed (LS) side.
During lane alignment, a proprietary pattern (or a custom comma compliant data stream) is sent by the LS
transmitter to the LS receiver on each active lane. This pattern allows the LS receiver to both delineate byte
boundaries within a lower speed lane and align bytes across the lanes (2 or 4) such that the original higher rate
data ordering is restored.
Lane alignment completes successfully when the LS receiver asserts a
“Link Status OK” signal monitored by the
LS transmitter on the link partner device such as an FPGA. The TLK10002 sends out the
“Link Status OK”
signals through the LS_OK_OUT_A/B output pins, and monitors the
“Link Status OK” signals from the link
partner device through the LS_OK_IN_A/B input pins. If the link partner device does not need the TLK10002
Lane Align Master (LAM) to send proprietary lane alignment pattern, LS_OK_IN_A/B can be tied high on the
application board.
The lane alignment scheme is activated under any of the following conditions:
Device/System power up (after configuration/provisioning)
Loss of channel synchronization assertion on any enabled LS lane
Loss of signal assertion on any enabled LS lane
LS SERDES PLL Lock indication deassertion
After device configuration change
After software determined LS 8B/10B decoder error rate threshold exceeded
After device reset is deasserted
Anytime the LS receiver deasserts
“Link Status OK”.
Presence of reoccurring higher level / protocol framing errors
The block diagram of the lane alignment scheme is shown in Figure 8.
Copyright
© 2011, Texas Instruments Incorporated
11


Similar Part No. - TLK10002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK100 TI-TLK100 Datasheet
876Kb / 88P
[Old version datasheet]   Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
TLK10021ZWQ TI1-TLK10021ZWQ Datasheet
658Kb / 2P
[Old version datasheet]   10 Gbps PHY Transceiver for LAN/MAN/SAN Applications
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK10022CTR TI1-TLK10022CTR Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK1002A TI-TLK1002A Datasheet
618Kb / 16P
[Old version datasheet]   DUAL SIGNAL CONDITIONING TRANSCEIVER
More results

Similar Description - TLK10002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK3131 TI1-TLK3131_15 Datasheet
1Mb / 102P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134 Datasheet
1Mb / 149P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134_1 Datasheet
2Mb / 150P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3131 TI-TLK3131 Datasheet
1Mb / 101P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3132 TI-TLK3132 Datasheet
1Mb / 103P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK6002 TI-TLK6002 Datasheet
1,000Kb / 96P
[Old version datasheet]   Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK10081 TI1-TLK10081 Datasheet
604Kb / 62P
[Old version datasheet]   10Gbps 1-8 CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
   VERIRATETM MULTI-RATE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com