Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGL180A120T3AG Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTGL180A120T3AG
Description  Phase leg Trench Field Stop IGBT4 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGL180A120T3AG Datasheet(HTML) 2 Page - Microsemi Corporation

  APTGL180A120T3AG Datasheet HTML 1Page - Microsemi Corporation APTGL180A120T3AG Datasheet HTML 2Page - Microsemi Corporation APTGL180A120T3AG Datasheet HTML 3Page - Microsemi Corporation APTGL180A120T3AG Datasheet HTML 4Page - Microsemi Corporation APTGL180A120T3AG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGL180A120T3AG
www.microsemi.com
2- 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1200V
300
µA
Tj = 25°C
1.8
2.2
VCE(sat)
Collector Emitter saturation Voltage
VGE = 15V
IC = 150A
Tj = 150°C
2.2
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 5.5 mA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
200
nA
Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
9.3
Coes
Output Capacitance
0.58
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
0.5
nF
QG
Gate charge
VGE= -8V / 15V ; VCE=600V
IC=150A
0.85
µC
Td(on)
Turn-on Delay Time
130
Tr
Rise Time
20
Td(off)
Turn-off Delay Time
300
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VCE = 600V
IC = 150A
RG = 3Ω
45
ns
Td(on)
Turn-on Delay Time
150
Tr
Rise Time
35
Td(off)
Turn-off Delay Time
350
Tf
Fall Time
Inductive Switching (150°C)
VGE = ±15V
VCE = 600V
IC = 150A
RG = 3Ω
80
ns
Eon
Turn-on Switching Energy
TJ = 150°C
13.5
mJ
Eoff
Turn-off Switching Energy
VGE = ±15V
VCE = 600V
IC = 150A
RG = 3Ω
TJ = 150°C
14.5
mJ
Isc
Short Circuit data
VGE ≤15V ; VBus = 900V
tp ≤10µs ; Tj = 150°C
600
A
Reverse diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
150
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 125°C
600
µA
IF
DC Forward Current
Tc = 100°C
120
A
IF = 120A
2.5
3
IF = 240A
3
VF
Diode Forward Voltage
IF = 120A
Tj = 125°C
1.8
V
Tj = 25°C
265
trr
Reverse Recovery Time
Tj = 125°C
350
ns
Tj = 25°C
1120
Qrr
Reverse Recovery Charge
IF = 120A
VR = 800V
di/dt =400A/µs
Tj = 125°C
5780
nC


Similar Part No. - APTGL180A120T3AG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGL180A120T3AG MICROSEMI-APTGL180A120T3AG Datasheet
201Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power Module
More results

Similar Description - APTGL180A120T3AG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGL475A120D3G MICROSEMI-APTGL475A120D3G Datasheet
216Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power Module
APTGL60A120T1G MICROSEMI-APTGL60A120T1G Datasheet
214Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power module
APTGL90A120T1G MICROSEMI-APTGL90A120T1G Datasheet
220Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power module
APTGL180A120T3AG MICROSEMI-APTGL180A120T3AG Datasheet
201Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power Module
APTGL325A120D3G MICROSEMI-APTGL325A120D3G Datasheet
216Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power Module
APTGL120TA120TPG MICROSEMI-APTGL120TA120TPG Datasheet
235Kb / 5P
   Triple phase leg Trench Field Stop IGBT4 Power module
APTGLQ600A65T6G MICROSEMI-APTGLQ600A65T6G Datasheet
602Kb / 6P
   Phase leg High speed Trench Field Stop IGBT4 Power module
Rev 2 December , 2014
APTGT100A120T3AG MICROSEMI-APTGT100A120T3AG Datasheet
210Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT150A120D1G MICROSEMI-APTGT150A120D1G Datasheet
187Kb / 4P
   Phase leg Trench Field Stop IGBT Power Module
APTGT200A60T3AG MICROSEMI-APTGT200A60T3AG Datasheet
206Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com