Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2554DRCR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2554DRCR
Description  Precision Adjustable Current-Limited, Power-Distribution Switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2554DRCR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2554DRCR Datasheet HTML 2Page - Texas Instruments TPS2554DRCR Datasheet HTML 3Page - Texas Instruments TPS2554DRCR Datasheet HTML 4Page - Texas Instruments TPS2554DRCR Datasheet HTML 5Page - Texas Instruments TPS2554DRCR Datasheet HTML 6Page - Texas Instruments TPS2554DRCR Datasheet HTML 7Page - Texas Instruments TPS2554DRCR Datasheet HTML 8Page - Texas Instruments TPS2554DRCR Datasheet HTML 9Page - Texas Instruments TPS2554DRCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Charge
Pump
Driver
Current
Limit
Thermal
Sense
UVLO
8-ms
Deglitch
IN
EN
EN
OUT
ILIM_SEL
ILIM0
ILIM1
FAULT
GND
Current
Sense
(TPS2555)
(TPS2554)
2/3
5
5
8/9
4
7
6
10
1
RDIS
Charge
Pump
Driver
Current
Limit
Thermal
Sense
UVLO
8-ms
Deglitch
IN
EN
EN
OUT
ILIM_SEL
ILIM0
ILIM1
FAULT
GND
Current
Sense
(TPS2555)
(TPS2554)
2/3
5
5
8/9
4
7
6
10
1
RDIS
TPS2554
TPS2555
SLVSAM0
– JUNE 2011
www.ti.com
DEVICE INFORMATION
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TPS2554
TPS2555
EN
5
-
I
Enable input, logic high turns on power switch (TPS2554).
EN
-
5
I
Enable input, logic low turns on power switch (TPS2555).
GND
1
1
Ground connection; connect externally to PowerPAD
™.
2, 3
2, 3
I
Input voltage; connect a 100-nF, or greater, ceramic capacitor
IN
from IN to GND as close to the device as possible.
10
19
O
Active-low, open-drain output, asserted during overcurrent or
FAULT
over-temperature conditions.
OUT
8, 9
8, 9
O
Power-switch output
7
7
I
External resistor used to set current-limit threshold when
ILIM0
ILIM_SEL = LO
6
6
I
External resistor used to set current-limit threshold when
ILIM1
ILIM_SEL = HI
4
4
I
Logic-level input that selects between ILIM0 and ILIM1
ILIM_SEL
current-limit threshold setting
Internally connected to GND; used to heat-sink the device to the
PowerPAD
circuit board traces. Connect PowerPAD
™ to GND pin externally.
TPS2554/TPS2555 Functional Block Diagram
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2554 TPS2555


Similar Part No. - TPS2554DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2554DRCR TI1-TPS2554DRCR Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2554DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI1-TPS2552_17 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com