Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22924BYZT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22924BYZT
Description  ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22924BYZT Datasheet(HTML) 2 Page - Texas Instruments

  TPS22924BYZT Datasheet HTML 1Page - Texas Instruments TPS22924BYZT Datasheet HTML 2Page - Texas Instruments TPS22924BYZT Datasheet HTML 3Page - Texas Instruments TPS22924BYZT Datasheet HTML 4Page - Texas Instruments TPS22924BYZT Datasheet HTML 5Page - Texas Instruments TPS22924BYZT Datasheet HTML 6Page - Texas Instruments TPS22924BYZT Datasheet HTML 7Page - Texas Instruments TPS22924BYZT Datasheet HTML 8Page - Texas Instruments TPS22924BYZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Laser Marking View
Bump View
C
B
2
1
A
C
B
1
2
A
TPS22924B
SLVSAR3A
– APRIL 2011 – REVISED JUNE 2011
www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
–40°C to 85°C
DSBGA
– YZ (0.5-mm pitch)
Tape and reel
TPS22924BYZR
___5N_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to
designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
YZ PACKAGE
TERMINALS ASSIGNMENTS (YZ PACKAGE)
C
GND
ON
B
VOUT
VIN
A
VOUT
VIN
1
2
TERMINAL FUNCTIONS
NO.
NAME
DESCRIPTION
C1
GND
Ground
C2
ON
Switch control input, active high. Do not leave floating
A1, B1
VOUT
Switch output
A2, B2
VIN
Switch input, bypass this input with a ceramic capacitor to ground
2
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS22924BYZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924BYZT TI1-TPS22924BYZT Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
More results

Similar Description - TPS22924BYZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
logo
Texas Instruments
TPS22907 TI-TPS22907 Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com