Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2224UK Datasheet(PDF) 2 Page - Seme LAB

Part # D2224UK
Description  METAL GATE RF SILICON FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2224UK Datasheet(HTML) 2 Page - Seme LAB

  D2224UK Datasheet HTML 1Page - Seme LAB D2224UK Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D2224UK
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website http://www.semelab.co.uk
Prelim. 5/99
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Drain–Source
BVDSS
Breakdown Voltage
Zero Gate Voltage
IDSS
Drain Current
IGSS
Gate Leakage Current
VGS(th) Gate Threshold Voltage*
gfs
Forward Transconductance*
GPS
Common Source Power Gain
η
Drain Efficiency
VSWR
Load Mismatch Tolerance
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
VGS = 0
ID = 10mA
VDS = 12.5V
VGS = 0
VGS = 20V
VDS = 0
ID = 10mA
VDS = VGS
VDS = 10V
ID = 0.8A
PO = 5W
VDS = 7.2V
IDQ = 0.4A
f = 850MHz
VDS = 0V
VGS = –5V f = 1MHz
VDS = 12.5V VGS = 0
f = 1MHz
VDS = 12.5V VGS = 0
f = 1MHz
V
mA
µA
V
S
dB
%
pF
pF
pF
ELECTRICAL CHARACTERISTICS (T
case = 25°C unless otherwise stated)
40
1
4
0.5
7
0.72
7
50
20:1
48
40
4
RTHj–case
Thermal Resistance Junction – Case
Max. 6°C / W
THERMAL DATA
* Pulse Test:
Pulse Duration = 300
µs , Duty Cycle ≤ 2%


Similar Part No. - D2224UK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D222 ETC1-D222 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D222 MPD-D222 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Naina Semiconductor ltd...
D222-40 NAINA-D222-40 Datasheet
120Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
D222-40X NAINA-D222-40X Datasheet
120Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
logo
Seme LAB
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
More results

Similar Description - D2224UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
   METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D1212UK SEME-LAB-D1212UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2002UK SEME-LAB-D2002UK Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
D2003UK SEME-LAB-D2003UK Datasheet
60Kb / 4P
   METAL GATE RF SILICON FET
D2089UK SEME-LAB-D2089UK Datasheet
23Kb / 2P
   METAL GATE RF SILICON FET
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2230UK SEME-LAB-D2230UK Datasheet
17Kb / 2P
   METAL GATE RF SILICON FET
D2282UK SEME-LAB-D2282UK Datasheet
18Kb / 2P
   METAL GATE RF SILICON FET
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
   METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com