Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS24710 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24710
Description  2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24710 Datasheet(HTML) 3 Page - Texas Instruments

  TPS24710 Datasheet HTML 1Page - Texas Instruments TPS24710 Datasheet HTML 2Page - Texas Instruments TPS24710 Datasheet HTML 3Page - Texas Instruments TPS24710 Datasheet HTML 4Page - Texas Instruments TPS24710 Datasheet HTML 5Page - Texas Instruments TPS24710 Datasheet HTML 6Page - Texas Instruments TPS24710 Datasheet HTML 7Page - Texas Instruments TPS24710 Datasheet HTML 8Page - Texas Instruments TPS24710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TPS24710, TPS24711
TPS24712, TPS24713
www.ti.com
SLVSAL2C
– JANUARY 2011 – REVISED MAY 2011
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SENSE, VCC
2.5
18
Input voltage range
V
EN, FLT, FLTb, PG, PGb, OUT
0
18
Sink current
FLT, FLTb, PG, PGb
0
2
mA
Resistance
PROG
4.99
500
k
Ω
TIMER
1
nF
External capacitance
GATE(1)
1
µF
Operating junction temperature range, TJ
–40
125
°C
(1)
External capacitance tied to GATE should be in series with a resistor no less than 1 k
Ω.
ELECTRICAL CHARACTERISTICS
–40°C ≤ TJ ≤ 125°C, VCC = 12 V, VEN = 3 V, and RPROG = 50 kΩ to GND.
All voltages referenced to GND, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
VCC
UVLO threshold, rising
2.2
2.32
2.45
V
UVLO threshold, falling
2.1
2.22
2.35
V
UVLO hysteresis(1)
0.1
V
Enabled
― IOUT + IVCC + ISENSE
1
1.4
mA
Supply current
Disabled
― EN = 0 V, IOUT + IVCC + ISENSE
0.45
mA
EN
Threshold voltage, falling
1.2
1.3
1.4
V
Hysteresis(1)
50
mV
Input leakage current
0 V
≤ VEN ≤ 30 V
–1
0
1
µA
Turnoff time
EN
↓ to VGATE < 1 V, CGATE = 33 nF
20
60
150
µs
Deglitch time
EN
8
14
18
µs
Disable delay
EN
↓ to GATE ↓, CGATE = 0, tpff50–90, See Figure 1
0.1
0.4
1
µs
FLT, FLTb
Output low voltage
Sinking 2 mA
0.11
0.25
V
VFLT = 0 V, 30 V
Input leakage current
–1
0
1
µA
VFLTb = 0 V, 30 V
PG, PGb
V(SENSE – OUT) rising, PG going low
Threshold
140
240
340
mV
V(SENSE – OUT) rising, PGb going high
Measured V(SENSE – OUT) falling, PG going high
Hysteresis(1)
70
mV
Measured V(SENSE – OUT) falling, PGb going low
Output low voltage
Sinking 2 mA
0.11
0.25
V
VPG = 0 V, 30 V
Input leakage current
–1
0
1
µA
VPGb = 0 V, 30 V
Delay (deglitch) time
Rising or falling edge
2
3.4
6
ms
PROG
Bias voltage
Sourcing 10
µA
0.65
0.678
0.7
V
Input leakage current
VPROG = 1.5 V
–0.2
0
0.2
µA
TIMER
Sourcing current
VTIMER = 0 V
8
10
12
µA
(1)
These parameters are provided for reference only and do not constitute part of TI
’s published device specifications for purposes of TI’s
product warranty.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS24710 TPS24711 TPS24712 TPS24713


Similar Part No. - TPS24710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGS TI1-TPS24710DGS Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGS TI1-TPS24710DGS Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGSR TI1-TPS24710DGSR Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710DGSR TI1-TPS24710DGSR Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
More results

Similar Description - TPS24710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710_17 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
TPS24710 TI1-TPS24710_15 Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
[Old version datasheet]   2.5 to 18-V High Performance Hot Swap
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com