Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS24720RGTT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24720RGTT
Description  2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24720RGTT Datasheet(HTML) 1 Page - Texas Instruments

  TPS24720RGTT Datasheet HTML 1Page - Texas Instruments TPS24720RGTT Datasheet HTML 2Page - Texas Instruments TPS24720RGTT Datasheet HTML 3Page - Texas Instruments TPS24720RGTT Datasheet HTML 4Page - Texas Instruments TPS24720RGTT Datasheet HTML 5Page - Texas Instruments TPS24720RGTT Datasheet HTML 6Page - Texas Instruments TPS24720RGTT Datasheet HTML 7Page - Texas Instruments TPS24720RGTT Datasheet HTML 8Page - Texas Instruments TPS24720RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
2
3
4
EN
PROG
TIMER
GND
12
11
10
9
VCC
SENSE
GATE
FFLTb
Thermal
Pad
RGT Package
(Top View)
PINOUT
TYPICAL APPLICATION (12 V at 10 A)
TPS24720
R
2 m
SENSE
M
CSD16403Q5
1
C
T
56 nF
VCC
OUT
GATE
SENSE
PGb
PROG
TIMER
GND
OV
EN
R
2.94
2
k
R
90.9 k
1
R
3
10 k
R
5
3.01 k
LATCH
IMON
R
4
3.01 k
FLTb
FFLTb
R
6
3.01 k
ENSD
SET
R
SET
51.1
R
PROG
53.6 k
R
IMON
1.43 k
V
UVLO
OV
LMT
FAULT
= 10.83 V
V
= 14.02 V
I
= 12 A
t
= 7.56 ms
C
1
0.1 F
R
7
C
OUT
470 F
V
IN
V
OUT
3 V
R
GATE
10
TPS24720
www.ti.com
SLVSAL1B
– MARCH 2011 – REVISED MAY 2011
2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
Monitor and Overvoltage Protection
Check for Samples: TPS24720
1
FEATURES
APPLICATIONS
2.5-V to 18-V Operation
Server Backplanes
Accurate Current Limiting for Startup
Storage Area Networks (SAN)
Programmable FET SOA Protection
Telecommunications Mezzanine Cards
Adjustable Current Sense Threshold
Medical Systems
Programmable Fault Timer
Plug-In Modules
Power-Good Output
Base Stations
Fast Breaker for Short-Circuit Protection
Analog Load-Current Monitor Output
Programmable UV and OV
Low-current Standby Mode
FET Fault Detection Flag
3-mm
× 3-mm, 16-Pin QFN package
DESCRIPTION
The TPS24720 is an easy-to-use, full-featured protection device for 2.5-V to 18-V power rails. This hot-swap
controller drives an external N-channel MOSFET, while protecting source, load and external MOSFET against
multiple potentially damaging events. During startup, load current and MOSFET power dissipation are limited to
user-selected values. After startup, currents above the user-selected limit will be allowed to flow until
programmed timeout
– except in extreme overload events when load is immediately disconnected from source.
Programmable power limiting ensures the external MOSFET operates inside its safe operating area (SOA) at all
times. This allows use of smaller FETs while improving system reliability. Power good, Fault, FET Fault, and
current monitor outputs are provided for system status monitoring and downstream load control.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS24720RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24700DGK TI1-TPS24700DGK Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24700DGKR TI1-TPS24700DGKR Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24701 TI1-TPS24701 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24701DGK TI1-TPS24701DGK Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
More results

Similar Description - TPS24720RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710 TI1-TPS24710_17 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24710 TI1-TPS24710_15 Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
[Old version datasheet]   2.5 to 18-V High Performance Hot Swap
logo
National Semiconductor ...
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5067 TI1-LM5067_14 Datasheet
2Mb / 33P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com