Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40322 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40322 Datasheet HTML 7Page - Texas Instruments TPS40322 Datasheet HTML 8Page - Texas Instruments TPS40322 Datasheet HTML 9Page - Texas Instruments TPS40322 Datasheet HTML 10Page - Texas Instruments TPS40322 Datasheet HTML 11Page - Texas Instruments TPS40322 Datasheet HTML 12Page - Texas Instruments TPS40322 Datasheet HTML 13Page - Texas Instruments TPS40322 Datasheet HTML 14Page - Texas Instruments TPS40322 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TPS40322
www.ti.com
SLUSAF8
– JUNE 2011
PIN FUNCTIONS (continued)
NAME
PIN
I/O
DESCRIPTION
Bootstrapped gate drive output for the high-side N-channel MOSFET for CH2. A 2-
Ω resistor is
HDRV2
16
O
recommended for a noisy environment.
Used to set the overcurrent limit for CH1 with 10
μA of current flowing through a resistor from this pin to
ILIM1
30
I
AGND.
Used to set the overcurrent limit for CH2 with 10
μA of current flowing through a resistor from this pin to
ILIM2/VSNS
11
I
AGND. In multi-phase mode, this pin becomes VSNS as the positive terminal of a remote sense amplifier.
LDRV1
22
O
Gate drive output for the low-side synchronous rectifier (SR) N-channel MOSFET for CH1.
LDRV2
18
O
Gate drive output for the low-side synchronous rectifier (SR) N-channel MOSFET for CH2.
PG1
27
O
Open drain power good indicator for CH1 output voltage.
PG2
14
O
Open drain power good indicator for CH2 output voltage.
Power ground 1. Separate power ground for CH1 and CH2 in the PCB layout could potentially reduce
PGND1
21
-
channel to channel interference.
Power ground 2. Separate power ground for CH1 and CH2 in the PCB layout could potentially reduce
PGND2
19
-
channel to channel interference.
Used to set master or slave mode and phase angles. The master emits a 50% duty clock to the slave. The
PHSET
32
I
slave synchronizes to the external clock and select the phase shift angle.
RT
2
I
Connect a resistor from this pin to AGND to set the oscillator frequency.
SW1
23
I
Connect to the switched node on converter CH1. It is the return for the CH 1 high-side gate driver.
SW2
17
I
Connect to the switched node on converter CH2. It is the return for the CH 2 high-side gate driver.
In master mode, a 2x free running frequency clock is sent out on SYNC pin.
In slave mode, sync to an external clock which is
±20% of the free running MASTER_CLOCK frequency.
SYNC
1
I/O
The MASTER_CLOCK frequency is 2x of the free running frequency (set by RT) and operates at 50% duty
cycle.
UVLO
31
I
A resistor divider from VIN determines the input voltage that the controller starts.
Power input to the controller. A low ESR bypass ceramic capacitor of 0.1
μF or greater should be
VDD
26
I
connected closely from this pin to AGND.
Copyright
© 2011, Texas Instruments Incorporated
11


Similar Part No. - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBR TI1-TPS40322RHBR Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com