Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51206DSQT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51206DSQT
Description  2-A Peak Sink/Source DDR Termination Regulator with VTTREF Buffered Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51206DSQT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS51206DSQT Datasheet HTML 4Page - Texas Instruments TPS51206DSQT Datasheet HTML 5Page - Texas Instruments TPS51206DSQT Datasheet HTML 6Page - Texas Instruments TPS51206DSQT Datasheet HTML 7Page - Texas Instruments TPS51206DSQT Datasheet HTML 8Page - Texas Instruments TPS51206DSQT Datasheet HTML 9Page - Texas Instruments TPS51206DSQT Datasheet HTML 10Page - Texas Instruments TPS51206DSQT Datasheet HTML 11Page - Texas Instruments TPS51206DSQT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
I
VTT
(2 A/div)
V
VTTREF(10 mV/div) 0.75 V offset
Time (200 ms/div)
V
VTT
(20 mV/div)
0.75 V offset
V
VDDQSNS
(50 mV/div)
1.5 V offset
I
VTT
(2 A/div)
V
VTTREF(10 mV/div) 0.9 V offset
Time (200 ms/div)
V
VTT
(20 mV/div)
0.9 V offset
V
VDDQSNS
(50 mV/div)
1.8 V offset
I
VTT
(2 A/div)
V
VTTREF(10 mV/div) 0.6 V offset
Time (200 ms/div)
V
VTT
(20 mV/div)
0.6 V offset
V
VDDQSNS
(50 mV/div)
1.2 V offset
I
VTT
(2 A/div)
V
VTTREF(10 mV/div) 0.675 V offset
Time (200 ms/div)
V
VTT
(20 mV/div)
0.675 V offset
V
VDDQSNS
(50 mV/div)
1.35 V offset
1000
10000
100000
1000000
10000000
−80
−60
−40
−20
0
20
40
60
80
−180
−135
−90
−45
0
45
90
135
180
Frequency (Hz)
Gain
Phase
Sink: −1 A
VVDD = 5 V
VVDDQSNS = 1.5 V
1000
10000
100000
1000000
10000000
−80
−60
−40
−20
0
20
40
60
80
−180
−135
−90
−45
0
45
90
135
180
Frequency (Hz)
Gain
Phase
Source: +1 A
VVDD = 5 V
VVDDQSNS = 1.5 V
TPS51206
SLUSAH1
– MAY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 13. VTT Load Transient Response (0.9 V)
Figure 14. VTT Load Transient Response (0.75 V)
Figure 15. VTT Load Transient Response (0.675 V)
Figure 16. VTT Load Transient Response (0.6 V)
Figure 17. VTT (Sink: -1 A) Bode Plot (0.75 V)
Figure 18. VTT (Source: +1 A) Bode Plot (0.75V)
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS51206


Similar Part No. - TPS51206DSQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS51200 TI-TPS51200 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
More results

Similar Description - TPS51206DSQT

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS7H3301-SP_016 TI1-TPS7H3301-SP_016 Datasheet
1Mb / 28P
[Old version datasheet]   Sink and Source Radiation-Hardened 3-A DDR Termination Regulator With Built-In VTTREF Buffer
logo
ON Semiconductor
NCP51199 ONSEMI-NCP51199 Datasheet
80Kb / 7P
   DDR 2-Amp Source / Sink Termination Regulator
March, 2014 ??Rev. 2
logo
Texas Instruments
TPS51100 TI-TPS51100_07 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS5110 TI-TPS5110 Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7998 EUTECH-EUP7998 Datasheet
214Kb / 2P
   Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200 TI-TPS51200_1 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
ON Semiconductor
NCP51199 ONSEMI-NCP51199_17 Datasheet
80Kb / 8P
   DDR 2-Amp Source / Sink VTT Termination Regulator
April, 2017 ??Rev. 3
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com