Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53317 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53317
Description  3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS53317 Datasheet HTML 7Page - Texas Instruments TPS53317 Datasheet HTML 8Page - Texas Instruments TPS53317 Datasheet HTML 9Page - Texas Instruments TPS53317 Datasheet HTML 10Page - Texas Instruments TPS53317 Datasheet HTML 11Page - Texas Instruments TPS53317 Datasheet HTML 12Page - Texas Instruments TPS53317 Datasheet HTML 13Page - Texas Instruments TPS53317 Datasheet HTML 14Page - Texas Instruments TPS53317 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
=
´
OUT
ON
IN
SW
V
1
t
V
f
+
VREFIN
+
RC
PWM
Comparator
RDS(on)
GMV = 1 mS
Driver
LOUT
ESR
COUT
ROUT
UDG-11168
RLOAD
8 kW
+
+
GMC= 1 mS
CC
VREF
+
TPS53317
www.ti.com
SLUSAK4
– JUNE 2011
PWM Frequency and Adaptive on Time Control
In general, the on-time (at the SW node) can be estimated by Equation 1.
where
fSW is the frequency selected by the connection of the MODE pin
(1)
The on-time pulse is sent to the top FET. The inductor current and the current feedback rises to peak value.
Each ON pulse is latched to prevent double pulsing. Switching frequency settings are shown in .
Non-Droop Configuration
The TPS53317 can be configured as a non-droop solution. The benefit of a non-droop approach is that load
regulation is flat, therefore, in a system where tight DC tolerance is desired, the non-droop approach is
recommended. For the Intel system agent application, non-droop is recommended as the standard configuration.
The non-droop approach can be implemented by connecting a resistor and a capacitor between the COMP and
the VREF pins. The purpose of the type II compensation is to obtain high DC feedback gain while minimizing the
phase delay at unity gain cross over frequency of the converter.
The value of the resistor (RC) can be calculated using the desired unity gain bandwidth of the converter, and the
value of the capacitor (CC) can be calculated by knowing where the zero location is desired. An application tool
that calculates these values is available from your local TI Field Application Engineer.
Figure 4 shows the basic implementation of the non-droop mode using the TPS53317.
Figure 4. Non-Droop Mode Basic Implementation
Copyright
© 2011, Texas Instruments Incorporated
11


Similar Part No. - TPS53317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53317 TI1-TPS53317 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317 TI1-TPS53317 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317A TI1-TPS53317A Datasheet
1Mb / 33P
[Old version datasheet]   Integrated-FET Converter for DDR Memory Termination
TPS53317ARGBR TI1-TPS53317ARGBR Datasheet
1Mb / 33P
[Old version datasheet]   Integrated-FET Converter for DDR Memory Termination
TPS53317ARGBT TI1-TPS53317ARGBT Datasheet
1Mb / 33P
[Old version datasheet]   Integrated-FET Converter for DDR Memory Termination
More results

Similar Description - TPS53317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51463 TI1-TPS51463 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462_17 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI-TPS51462_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com