Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54062 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54062
Description  4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54062 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54062 Datasheet HTML 1Page - Texas Instruments TPS54062 Datasheet HTML 2Page - Texas Instruments TPS54062 Datasheet HTML 3Page - Texas Instruments TPS54062 Datasheet HTML 4Page - Texas Instruments TPS54062 Datasheet HTML 5Page - Texas Instruments TPS54062 Datasheet HTML 6Page - Texas Instruments TPS54062 Datasheet HTML 7Page - Texas Instruments TPS54062 Datasheet HTML 8Page - Texas Instruments TPS54062 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TPS54062
SLVSAV1
– MAY 2011
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN
–0.3
62
V
EN
–0.3
5
V
PH-BOOT
8
V
BOOT
70
V
Voltage
VSENSE
–0.3
6
V
COMP
–0.3
3
V
PH
–0.6
62
V
PH, 10ns Transient
–2
62
V
RT/CLK
–0.3
6
V
VIN
Internally Limited
A
EN
100
µA
BOOT
100
mA
Current
VSENSE
10
µA
COMP
100
µA
PH
Internally Limited
A
RT/CLK
200
µA
(HBM) QSS 009-105 (JESD22-A114A)
2
kV
Electrostatic discharge
(CDM) QSS 009-147 (JESD22-C101B.01)
500
V
Operating junction temperature
–40
125
ºC
Storage temperature
–65
150
ºC
(1)
The Absolute Maximum Ratings specified in this section will apply to all specifications of this document unless otherwise noted. These
specifications will be interpreted as the conditions which may damage the device with a single occurrence.
THERMAL INFORMATION
TPS54062
THERMAL METRIC(1)
UNITS
MSOP (8-PINS)
θJA
Junction-to-ambient thermal resistance
127.1
θJCtop
Junction-to-case (top) thermal resistance
33.4
θJB
Junction-to-board thermal resistance
80.0
°C/W
ψJT
Junction-to-top characterization parameter
1.0
ψJB
Junction-to-board characterization parameter
79.0
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS54062


Similar Part No. - TPS54062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54062 TI1-TPS54062 Datasheet
1Mb / 38P
[Old version datasheet]   4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
TPS54062 TI1-TPS54062 Datasheet
1Mb / 42P
[Old version datasheet]   4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54062DGKR TI1-TPS54062DGKR Datasheet
1Mb / 42P
[Old version datasheet]   4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54062DRBR TI1-TPS54062DRBR Datasheet
1Mb / 42P
[Old version datasheet]   4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54062DRBT TI1-TPS54062DRBT Datasheet
1Mb / 42P
[Old version datasheet]   4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
More results

Similar Description - TPS54062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54062 TI1-TPS54062_14 Datasheet
1Mb / 38P
[Old version datasheet]   4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
   60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Texas Instruments
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
logo
Linear Technology
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
   Low IQ, 60V Synchronous Step-Down Controller
logo
Texas Instruments
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
920Kb / 35P
[Old version datasheet]   3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
OCTOBER2011
logo
Linear Technology
LTC7800 LINER-LTC7800 Datasheet
1Mb / 32P
   Low IQ, 60V, High Frequency Synchronous Step-Down Controller
logo
Diodes Incorporated
AP66300 DIODES-AP66300 Datasheet
2Mb / 25P
   3.8V TO 60V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2022
AP66200 DIODES-AP66200 Datasheet
2Mb / 26P
   3.8V TO 60V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
logo
Texas Instruments
TPS54062 TI1-TPS54062_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
logo
Maxim Integrated Produc...
MAX17551 MAXIM-MAX17551_V01 Datasheet
1Mb / 25P
   60V, 50mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com