Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2230UK Datasheet(PDF) 1 Page - Seme LAB

Part # D2230UK
Description  METAL GATE RF SILICON FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2230UK Datasheet(HTML) 1 Page - Seme LAB

  D2230UK Datasheet HTML 1Page - Seme LAB D2230UK Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D2230UK
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website http://www.semelab.co.uk
Prelim. 2/99
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage
BVGSS
Gate – Source Breakdown Voltage
ID(sat)
Drain Current
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
17.5W
40V
±20V
4A
–65 to 150°C
200°C
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
5W – 12.5V – 1GHz
SINGLE ENDED
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
• VERY LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 10 dB MINIMUM
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• HF/VHF/UHF COMMUNICATIONS
from 1 MHz to 2 GHz
METAL GATE RF SILICON FET
TetraFET
MECHANICAL DATA
Dimensions in mm.
1
2
3
4
3.00
2 PL.
2.07
2 PL.
2 PL.
0.47
0.47
2 PL.
0.10
TYP.
0.381
1.65
2 PL.
5.50 ± 0.15
1.27 ± 0.05
2 PL.
1.27
1.27
0.10 R.
TYP.
0.10
TYP.
6.50 ±
0.15
0.3 R.
4 PL.
1.27
0.80
4 PL.
8
7
6
5
4.90 ± 0.15
0.508
0.360
± 0.005
2.313
± 0.2
F-0127 PACKAGE
PIN 1 – SOURCE
PIN 2 – DRAIN
PIN 3 – DRAIN
PIN 4 – SOURCE
PIN 5 – SOURCE
PIN 6 – GATE
PIN 7 – GATE
PIN 8 – SOURCE
Ceramic Material: Alumina.
Parts can also be supplied with AlN or BeO for
improved thermal resistance.
Contact Semelab for details.


Similar Part No. - D2230UK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D223 ETC1-D223 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D223 MPD-D223 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Seme LAB
D2231 SEME-LAB-D2231 Datasheet
17Kb / 2P
   METAL GATE RF SILICON FET
D2231UK SEME-LAB-D2231UK Datasheet
17Kb / 2P
   METAL GATE RF SILICON FET
D2232UK SEME-LAB-D2232UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
More results

Similar Description - D2230UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
   METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D1212UK SEME-LAB-D1212UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2002UK SEME-LAB-D2002UK Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
D2003UK SEME-LAB-D2003UK Datasheet
60Kb / 4P
   METAL GATE RF SILICON FET
D2089UK SEME-LAB-D2089UK Datasheet
23Kb / 2P
   METAL GATE RF SILICON FET
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2282UK SEME-LAB-D2282UK Datasheet
18Kb / 2P
   METAL GATE RF SILICON FET
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
   METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com