Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU2508 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # GBU2508
Description  Molding Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GBU2508 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  GBU2508 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBU2508 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBU25005 ~ GBU2510
50 V ~ 1000 V
25.0 Amp High Current Glass Passivated
Molding Single-Phase Bridge Rectifier
Elektronische Bauelemente
14-Oct-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Surge overload rating -350 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
flammability classification 94V-0
Mounting position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave , 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PARAMETERS
SYMBOL
PART NUMBERS
UNITS
GBU
25005
GBU
2501
GBU
2502
GBU
2504
GBU
2506
GBU
2508
GBU
2510
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ=25°C
IR
10.0
A
@TJ=125°C
500
Maximum Average Forward
(with heatsink Note 2)
Rectified Current @TC=100°C
(without heatsink)
I(AV)
25.0
A
4.2
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
350
A
Rating For Fusing (t < 8.3ms)
l
2t
200
A
2s
Maximum Forward Voltage @ 12.5A DC
VF
1.1
V
Typical Junction Capacitance Per Element
(Note 1)
CJ
70
pF
Typical Thermal Resistance
RθJC
2.2
°C / W
Operating and Storage Temperature Range
TJ , TSTG
-55 ~ 150
°C
Notes:
1.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.
Device mounted on 100mm * 100mm * 1.6mm Cu plate heatsink.
A
C
B
D
G
F
E
N
P
Q
O
L
H
J
M
K
GBU
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
21.80
22.20
J
0.46
0.56
B
18.30
19.10
K
4.80
5.30
C
3.37
3.53
L
2.16
2.54
D
17.27
18.29
M
1.65
2.03
E
3.2 x 45°
N
1.45
1.85
F
3.70
3.90
O
0.90
1.20
G
5.70
5.90
P
9.80
10.20
H
2.30
2.70
Q
10.90
11.10


Similar Part No. - GBU2508

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GBU2508 CHENG-YI-GBU2508 Datasheet
167Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Nanjing International G...
GBU2508 DGNJDZ-GBU2508 Datasheet
89Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
GBU2508 YFWDIODE-GBU2508 Datasheet
517Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nanjing International G...
GBU2508 DGNJDZ-GBU2508 Datasheet
1Mb / 3P
   GBU Plastic-Encapulate Bridge Rec tifier
logo
Yangzhou yangjie electr...
GBU2508 YANGJIE-GBU2508 Datasheet
174Kb / 4P
   Bridge Rectifier
More results

Similar Description - GBU2508

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D5SB10 SECOS-D5SB10 Datasheet
392Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU15B SECOS-GBU15B Datasheet
373Kb / 2P
   Molding Single-Phase Bridge Rectifier
D4SB10 SECOS-D4SB10 Datasheet
332Kb / 2P
   Molding Single-Phase Bridge Rectifier
D20SB10 SECOS-D20SB10 Datasheet
398Kb / 2P
   Molding Single-Phase Bridge Rectifier
D3SB10 SECOS-D3SB10 Datasheet
478Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU6A SECOS-GBU6A Datasheet
201Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU10B SECOS-GBU10B Datasheet
330Kb / 2P
   Molding Single-Phase Bridge Rectifier
D10SB10 SECOS-D10SB10 Datasheet
392Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBPC3501 SECOS-GBPC3501 Datasheet
345Kb / 2P
   Molding Single-Phase Bridge Rectifier
D15SB10 SECOS-D15SB10 Datasheet
516Kb / 2P
   Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com