Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPR8F-4K3RGBWPCB Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HPR8F-4K3RGBWPCB
Description  FULL COLOR PRODUCTS SPECIFICATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPR8F-4K3RGBWPCB Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HPR8F-4K3RGBWPCB Datasheet HTML 5Page - List of Unclassifed Manufacturers HPR8F-4K3RGBWPCB Datasheet HTML 6Page - List of Unclassifed Manufacturers HPR8F-4K3RGBWPCB Datasheet HTML 7Page - List of Unclassifed Manufacturers HPR8F-4K3RGBWPCB Datasheet HTML 8Page - List of Unclassifed Manufacturers HPR8F-4K3RGBWPCB Datasheet HTML 9Page - List of Unclassifed Manufacturers HPR8F-4K3RGBWPCB Datasheet HTML 10Page - List of Unclassifed Manufacturers HPR8F-4K3RGBWPCB Datasheet HTML 11Page - List of Unclassifed Manufacturers HPR8F-4K3RGBWPCB Datasheet HTML 12Page - List of Unclassifed Manufacturers HPR8F-4K3RGBWPCB Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2DEVICE NO:HPB8F-4K3RGBx
2BLUE ELECTRIC-OPTICAL CHARACTERISTICS
TA=25°C
PARAMETER
SYMBOL
TEST
CONDITION
MIN
TYP
MAX
UNIT
View Angle
2q1/2
120
deg
Forward Voltage
VF
3.6
4.0
V
Luminous Intensity *2
IV
16
lm
Dominate Wave Length *3
λd(HUE)
470
nm
Spectrum Width Of Half Valve
λ
25
nm
Thermal Resistance Junction To Case
15
Thermal Resistance Junction To Case
With Star Type Heat Sink
J-C
20
oC/W
Temperature
Coefficient
Of
Forward
Voltage
VF/ T
IF=350mA
-2
mV/
oC
*2.Tolerance:± 15% HUEY-JANN measuring equipment : EXELTRON 2001. 2.S370 made by U.D.T.
*3.The dominate wavelength ,λd, is derived from the CIE Chromaticity Diagram and represents the color of
the device.
HUEY JANN ELECTRONICS INDUSTRY CO., LTD.
No.27 Line 466 Sec.2,Canng-nan Rd. Wu-chi Town Taichung Shien, Taiwan, R.O.C.
TEL:+886-4-26393976
FAX:+886-4-26393125
8


Similar Part No. - HPR8F-4K3RGBWPCB

ManufacturerPart #DatasheetDescription
logo
ETAL Group
HPR ETAL-HPR Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
M-System Co.,Ltd.
HPR MSYSTEM-HPR Datasheet
127Kb / 4P
   Space-saving Plug-in Signal Conditioners H-UNIT
logo
Vishay Siliconix
HPR VISHAY-HPR Datasheet
87Kb / 4P
   High Pulse Wirewound Resistor, Noise Suppressor
logo
FOTEK CONTROLS CO., LTD...
HPR-100AA FOTEK-HPR-100AA Datasheet
1Mb / 6P
   Single Phase High Power type DC to DC Solid State Module
HPR-100AA-H FOTEK-HPR-100AA-H Datasheet
1Mb / 6P
   Single Phase High Power type DC to DC Solid State Module
More results

Similar Description - HPR8F-4K3RGBWPCB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STF0A36B SEOUL-STF0A36B Datasheet
986Kb / 21P
   The Best lm-W in Full Color Products
STF0A36C SEOUL-STF0A36C Datasheet
714Kb / 18P
   The Best lm/W in Full Color Products
logo
STANLEY ELECTRIC CO.,LT...
VBHW1149JTE-100-TR STANLEY-VBHW1149JTE-100-TR Datasheet
886Kb / 26P
   Optimum chromaticity specification for full-color display
logo
NICHIA CORPORATION
NSSM313AT NICHIA-NSSM313AT Datasheet
648Kb / 23P
   FULL COLOR LED
NSSM240AT NICHIA-NSSM240AT Datasheet
527Kb / 18P
   FULL COLOR LED
logo
TT Electronics.
OVSRRGBCC3TM TTELEC-OVSRRGBCC3TM Datasheet
1Mb / 7P
   Full-color RGB
logo
NICHIA CORPORATION
NSSM232BT NICHIA-NSSM232BT Datasheet
519Kb / 17P
   FULL COLOR LED
NSSM438AT NICHIA-NSSM438AT Datasheet
593Kb / 18P
   FULL COLOR LED
logo
List of Unclassifed Man...
SK6812 ETC1-SK6812 Datasheet
446Kb / 7P
   Full color LED string light, LED full color module
logo
Marl International Limi...
NSSM065 MARL-NSSM065 Datasheet
529Kb / 13P
   FULL COLOR LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com