Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62730DRYT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62730DRYT
Description  Step Down Converter with Bypass Mode for Ultra Low Power Wireless
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62730DRYT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62730DRYT Datasheet HTML 2Page - Texas Instruments TPS62730DRYT Datasheet HTML 3Page - Texas Instruments TPS62730DRYT Datasheet HTML 4Page - Texas Instruments TPS62730DRYT Datasheet HTML 5Page - Texas Instruments TPS62730DRYT Datasheet HTML 6Page - Texas Instruments TPS62730DRYT Datasheet HTML 7Page - Texas Instruments TPS62730DRYT Datasheet HTML 8Page - Texas Instruments TPS62730DRYT Datasheet HTML 9Page - Texas Instruments TPS62730DRYT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
C
: Murata GRM155R60J225ME15D 2.2 F 0402 size
IN,
m
C
C
:
4 x Murata GRM155R61A104KA01D 100nF
1 x 2.2 F GRM155R60J225ME15D
1 x 1 F GRM155R61A105KE15D
L: Murata LQM21PN2R2NGC 2.2 H, FDK MIPSZ2012 2R2
OUT
Load
m
m
m
TPS6273x
VIN
ON/BYP
STAT
GND
VOUT
SW
V
OUT
V
1.9V - 3.9V
IN
C
2.2
IN
µF
C
2.2
OUT
µF
L 2.2 H
m
ON
BYP
R
STAT
10k
C
DEC
4x100nF
1x 1uF
1x 2.2uF
Additional Decoupling
capacitor bank
TPS62730
SLVSAC3
– MAY 2011
www.ti.com
PARAMETER MEASUREMENT INFORMATION
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
η
Efficiency
vs Output current
1
η
Efficiency
vs Input voltage
2
Output voltage
vs Output current
3
VOUT
Output Voltage
vs Input voltage
4
ISD
Shutdown current bypass mode
vs Input voltage
5
IQ
Operating quiescent current
vs Input voltage
6
Bypass Drain-source on-state resistance
vs Input voltage and ambient temperature
7
rDS(ON)
PMOS Static drain-source on-state resistance
vs Input voltage and ambient temperature
8
NMOS Static drain-source on-state resistance
vs Input voltage and ambient temperature
9
Automatic transition into bypass
Falling VIN
10
Automatic transition into bypass
Rising VIN
11
Switching frequency
vs IOUT vs VIN
12
VOUT
Output ripple voltage
vs IOUT vs VIN
13
PSRR
vs Frequency
14
Noise Density
vs Frequency
15
IOUT = 10 mA
16
IOUT = 1 mA
17
DC/DC mode operation
IOUT = 18 mA
18
IOUT = 50 mA
19
DC/DC mode operation line and load transient
20
performance
Automatic bypass transition with falling/rising input
21
voltage
DC/DC mode VOUT AC load regulation performance
22
Bypass mode operation VOUT AC behavior ON/BYP
23
= GND
Startup behavior
24
Spurious output noise
25
Battery current reduction
vs Battery voltage
26
Mode transition ON/BYP behavior
27
6
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS62730DRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62730DRYT TI-TPS62730DRYT Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
More results

Similar Description - TPS62730DRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_12 Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
logo
Maxim Integrated Produc...
MAX77271 MAXIM-MAX77271 Datasheet
3Mb / 20P
   Multimode PA Step-Down Converter with Linear Bypass Mode
19-6508; Rev 0; 12/12
logo
Texas Instruments
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com