Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65180B Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65180B
Description  PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65180B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65180B Datasheet HTML 7Page - Texas Instruments TPS65180B Datasheet HTML 8Page - Texas Instruments TPS65180B Datasheet HTML 9Page - Texas Instruments TPS65180B Datasheet HTML 10Page - Texas Instruments TPS65180B Datasheet HTML 11Page - Texas Instruments TPS65180B Datasheet HTML 12Page - Texas Instruments TPS65180B Datasheet HTML 13Page - Texas Instruments TPS65180B Datasheet HTML 14Page - Texas Instruments TPS65180B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
SLEEP
ACTIVE
Rails
= ON
I2C
= YES
POWER DOWN
NOTES:
||, &
= logic OR, logic AND.
(?), ( )
= rising edge, falling edge.
FAULT
= UVLO || TSD (thermal shutdown)|| BOOST UV.
(*)
= Power sequencing is register controlled
.
(**)
= Power sequencing is GPIO controlled
.
WAKEUP ( ) &
All PWRx pins= low
All rails
= OFF
I2C
= NO
Registers à default
Battery removed
STANDBY
WAKEUP = high &
(ACTIVE bit= 1
(*) ||
any PWRx pin( )
(**))
All rails
= OFF
I2C
= YES
WAKEUP = high &
(STANDBY bit = 1
(*) ||
all PWRx pins= (?)
(**) ||
FAULT
(**))
WAKEUP (?)
TPS65180, TPS65181, TPS65180B, TPS65181B
www.ti.com
SLVSA76F
– MARCH 2010 – REVISED FEBRUARY 2011
Figure 1. Global State Diagram
WAKE-UP AND POWER UP SEQUENCING
The TPS65180/TPS65181 and TPS65180B/TPS65181B support flexible power-up sequencing through GPIO
control using the PWR3, 2, 1, 0 pins or I2C control using the PWR_SEQ0, 1, 2 registers. Using GPIO control, the
output rails are enabled/disabled in the order in which the PWRx pins are asserted/de-asserted, respectively, and
the power-up timing is controlled by the host only.
In I2C control mode the power-up/down order and timing are defined by user register settings. The default
settings support the E Ink® Vizplex
™ panel and typically do not need to be charged by the user.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS65180 TPS65181 TPS65180B TPS65181B


Similar Part No. - TPS65180B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65180BRGZR TI1-TPS65180BRGZR Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65180BRGZR TI1-TPS65180BRGZR Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65180BRGZT TI1-TPS65180BRGZT Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65180BRGZT TI1-TPS65180BRGZT Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
More results

Similar Description - TPS65180B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65185 TI1-TPS65185_17 Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65182 TI1-TPS65182 Datasheet
846Kb / 24P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
OCTOBER2010
TPS65185 TI1-TPS65185 Datasheet
2Mb / 48P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
MAY2011
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65186 TI1-TPS65186 Datasheet
2Mb / 47P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com