Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR50060CT Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MBR50060CT
Description  Schottky PowerMod
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MBR50060CT Datasheet(HTML) 1 Page - Microsemi Corporation

  MBR50060CT Datasheet HTML 1Page - Microsemi Corporation MBR50060CT Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
Electrical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Thermal and Mechanical Characteristics
Reverse Voltage
Repetitive Peak
copper
8800 pF
8.0 mA
200 mA
0.58 Volts
0.73 Volts
2 Amps
5000 Amps
250 Amps
500 Amps
Common Cathode
A=Common Anode
Baseplate
Baseplate
Baseplate
D=Doubler
Baseplate: Nickel plated
CPT50060
Schottky PowerMod
*Add Suffix A for Common Anode, D for Doubler
Mounting Base Torque (center hole)
center hole must be torqued first
Mounting Base Torque (outside holes)
Terminal Torque
Typical thermal resistance (greased)
Max thermal resistance per leg
Operating junction temp range
Storage temp range
Weight
Average forward current per pkg
Average forward current per leg
Maximum surge current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max peak reverse current per leg
Max peak reverse current per leg
Typical junction capacitance
Maximum repetitive reverse current per leg
STG
OCS
OJC
R
R
TJ
T
CJ
F(AV)
FSM
R(OV)
V
I
I
RM
RM
FM
V
I
I
FM
F(AV)
I
I
Catalog Number
H
Q
Working Peak
Reverse Voltage
60V
CPT50060*
Microsemi
U
N
W
F
V
Notes:
E
60V
U
C
B
G
R
A
C = 132°C, Square wave,
0JC = 0.12°C/W
C = 132°C, Square wave,
0JC = 0.24°C/W
30-40 inch pounds
2.8 ounces (78 grams) typical
8-10 inch pounds
Case to sink
Junction to case
-55°C to 175°C
-55°C to 175°C
35-50 inch pounds
8.3ms, half sine, J = 175°C
f = 1 KHZ, 25°C, 1µsec square wave
FM = 250A: J = 25°C
FM = 250A: J = 175°C
RRM, J = 125°C*
R = 5.0V, C = 25°C
0.08°C/W
0.24°C/W
V
T
RRM, J = 25°C
V
V
I
I
T
T
T
T
T
T
T
R
R
Dia.
Dia.
Notes
1/4-20
0.680
0.800
0.130
0.510
---
0.290
---
0.340
0.195
3.150 BSC
---
N
U 0.600
0.312
0.180
W
V
0.275
---
Q
R
1.375 BSC
0.490
0.010
G
H
F
0.700
---
0.120
C
E
B
34.92 BSC
80.01 BSC
15.24
7.92
4.57
---
6.99
17.78
---
3.05
12.45
0.25
7.37
---
8.64
4.95
---
17.28
20.32
3.30
12.95
---
Dim. Inches
3.630
Max.
Min.
---
A
Millimeters
---
Min.
92.20
Max.
Max thermal resistance per pkg
OJC
R
Junction to case
0.12°C/W
Part Number
MBR50060CT
Industry
175°C Junction Temperature
Reverse Energy Tested
500 Amperes/60 Volts
Guard Ring Protection
Schottky Barrier Rectifier
January, 2010 - Rev. 6
www.microsemi.com


Similar Part No. - MBR50060CT

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
MBR50060CT AMERICASEMI-MBR50060CT Datasheet
598Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBR50060CT GENESIC-MBR50060CT Datasheet
671Kb / 3P
   Silicon Power Schottky Diode
logo
America Semiconductor, ...
MBR50060CTR AMERICASEMI-MBR50060CTR Datasheet
598Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBR50060CTR GENESIC-MBR50060CTR Datasheet
671Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - MBR50060CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
   Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
   Schottky PowerMod
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
   Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
   Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
   Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
   SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
   Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
   Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
   Schottky PowerMod
FST20035 MICROSEMI-FST20035_10 Datasheet
120Kb / 2P
   Schottky PowerMod
CPT20080 MICROSEMI-CPT20080_10 Datasheet
123Kb / 2P
   Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com