Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPT600180 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CPT600180
Description  Schottky PowerMod
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CPT600180 Datasheet(HTML) 1 Page - Microsemi Corporation

  CPT600180_10 Datasheet HTML 1Page - Microsemi Corporation CPT600180_10 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
0.64 Volts
0.87 Volts
CPT600180 - CPT600200
copper
Baseplate
A=Common Anode
Baseplate
Common Cathode
Baseplate
D=Doubler
Reverse Voltage
Repetitive Peak
Electrical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Baseplate: Nickel plated
6000 pF
7.0 mA
75 mA
2 Amps
6000 Amps
300 Amps
600 Amps
Thermal and Mechanical Characteristics
Schottky PowerMod
*Add Suffix A for Common Anode, D for Doubler
Average forward current per pkg
Average forward current per leg
Maximum surge current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max peak reverse current per leg
Max peak reverse current per leg
Typical junction capacitance per leg
Maximum repetitive reverse current per leg
Mounting Base Torque (center hole)
center hole must be torqued first
Weight
Mounting Base Torque (outside holes)
Terminal Torque
Typical thermal resistance (greased)
Max thermal resistance per leg
Operating junction temp range
Storage temp range
STG
OCS
OJC
R
R
TJ
T
CJ
F(AV)
FSM
R(OV)
V
I
I
RM
RM
FM
V
I
I
FM
F(AV)
I
I
Catalog Number
H
Q
200V
180V
Working Peak
Reverse Voltage
CPT600200*
CPT600180*
Microsemi
U
N
W
F
V
Notes:
E
200V
180V
U
C
B
G
R
A
C = 130°C, Square wave,
0JC = 0.10°C/W
C = 130°C, Square wave,
0JC = 0.20°C/W
30-40 inch pounds
8-10 inch pounds
2.8 ounces (78 grams) typical
8.3ms, half sine, J = 175°C
f = 1 KHZ, 25°C, 1µsec square wave
FM = 300A: J = 25°C
FM = 300A: J = 175°C
RRM, J = 125°C*
R = 5.0V, C = 25°C
Case to sink
Junction to case
-55°C to 175°C
-55°C to 175°C
35-50 inch pounds
0.08°C/W
0.20°C/W
V
T
RRM, J = 25°C
V
V
I
I
T
T
T
T
T
T
T
R
R
Dia.
Dia.
Notes
1/4-20
.680
0.800
0.130
0.510
---
0.290
---
0.340
0.195
3.150 BSC
---
N
U 0.600
0.312
0.180
W
V
0.275
---
Q
R
1.375 BSC
0.050
0.490
G
H
F
---
0.700
0.120
C
E
B
34.92 BSC
80.01 BSC
15.24
7.92
4.57
---
6.99
17.78
---
3.05
12.45
1.25
7.37
---
8.64
4.95
---
17.28
20.32
3.30
12.95
---
Dim. Inches
3.630
Max.
Min.
---
A
Millimeters
---
Min.
92.20
Max.
Max thermal resistance per pkg
OJC
R
Junction to case
0.10°C/W
Part Number
Industry
175°C junction temperature
600 Amperes/ 180 to 200 Volts
Guard ring protection
Reverse energy tested
Schottky Barrier Rectifier
January, 2010 - Rev. 2
www.microsemi.com


Similar Part No. - CPT600180_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
   SCHOTTKY POWERMOD
More results

Similar Description - CPT600180_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
   Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
   Schottky PowerMod
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
   Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
   Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
   Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
   SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
   Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
   Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
   Schottky PowerMod
FST20035 MICROSEMI-FST20035_10 Datasheet
120Kb / 2P
   Schottky PowerMod
CPT20080 MICROSEMI-CPT20080_10 Datasheet
123Kb / 2P
   Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com